công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZV393GTR-G1 bảng dữ liệu(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AZV393GTR-G1
Giải thích chi tiết về linh kiện  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393GTR-G1 bảng dữ liệu(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZV393GTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV393GTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV393GTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV393GTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV393GTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV393GTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV393GTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV393GTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV393GTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
5
Nov. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
5
BCD Semiconductor Manufacturing Limited
Data Sheet
5V DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
1.7
7
mV
9
Input Offset Voltage Average Drift
TCVOS
5
µV/oC
Input Bias Current
IB
IIN+ or IIN- with output in
linear range, VCM=0V
25
250
nA
400
Input Offset Current
IIO
IIN+ - IIN-, VCM=0V
250
nA
150
Saturation Voltage
VSAT
ISINK≤4mA
200
400
mV
500
Output Sink Current
ISINK
VO≤1.5V
10
84
mA
Input Common-Mode Voltage Range
VCM
-0.1
4.2
V
Voltage Gain
AV
20
50
V/mV
Supply Current
ICC
100
200
µA
250
Output Leakage Current
ILEAKAGE
0.003
µA
5V AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Propagation Delay (High to Low)
TPHL
Input Overdrive=10mV
600
ns
Input Overdrive=100mV
200
Propagation Delay (Low to High)
TPLH
Input Overdrive=10mV
450
ns
Input Overdrive=100mV
300
Limits in standard typeface are guaranteed for TA=25oC, VCC=5V, VEE=0V, RL=5.1kΩ connected to VCC and VCM=0, bold
typeface applies over full temperature ranges, unless otherwise specified.
All limits are guaranteed for TA=25oC, VCC=5V, VEE=0V, RL=5.1kΩ connected to VCC and VCM=0, unless otherwise
specified.


Số phần tương tự - AZV393GTR-G1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
AZV393GTR-G1 DIODES-AZV393GTR-G1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Mô tả tương tự - AZV393GTR-G1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com