công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZV393MM-E1 bảng dữ liệu(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AZV393MM-E1
Giải thích chi tiết về linh kiện  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393MM-E1 bảng dữ liệu(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV393MM-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV393MM-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV393MM-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV393MM-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV393MM-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV393MM-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV393MM-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV393MM-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV393MM-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
7
Nov. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
7
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 8. Output Voltage vs. Output Sink Current
Figure 9. Output Voltage vs. Output Sink Current
Typical Performance Characteristics (Continued)
Figure 10. Propagation Delay vs. Temperature
Figure 11. Propagation Delay vs. Input Overdrive Voltage
TA=25oC, unless otherwise specified.
0
10
20
30
40
50607080
90
100
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Output Sink Current (mA)
V
CC=5V, VEE=0V
0
102030
405060
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Output Sink Current (mA)
V
CC=2.7V, VEE=0V
-40
-20
0
20
406080
100
120
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
Case Temperature (
oC)
T
PHL to 50%
T
PLH to 50%
Input Overdrive Voltage=100mV
V
CC=5V, RL=5.1k
0
25
50
75
100
125
150
175
200
-1
0
1
2
3
4
5
6
7
8
Input Overdrive Voltage (mV)
V
CC=5V, VEE=0V
R
L=5.1K, TPHL to 50%


Số phần tương tự - AZV393MM-E1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV393MM-E1 BCDSEMI-AZV393MM-E1 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393MM-E1 DIODES-AZV393MM-E1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Mô tả tương tự - AZV393MM-E1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com