công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12T3 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện SS12T3
Giải thích chi tiết về linh kiện  12 V, 1 A, Low VCE(sat) PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSS12100UW3TCG
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation, TA = 25°C
Derate above 25
°C
PD (Note 1)
740
6.0
mW
mW/
°C
Thermal Resistance, Junction-to-Ambient
RqJA (Note 1)
169
°C/W
Total Device Dissipation, TA = 25°C
Derate above 25
°C
PD (Note 2)
1.1
9.0
W
mW/
°C
Thermal Resistance, Junction-to-Ambient
RqJA (Note 2)
110
°C/W
Thermal Resistance, Junction-to-Lead 6
RqJL (Note 2)
33
°C/W
Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
1. FR-4 @ 100 mm2, 1 oz copper traces.
2. FR-4 @ 500 mm2, 1 oz copper traces.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage, (IC = -10 mAdc, IB = 0)
V(BR)CEO
-12
-
-
Vdc
Collector-Base Breakdown Voltage, (IC = -0.1 mAdc, IE = 0)
V(BR)CBO
-12
-
-
Vdc
Emitter-Base Breakdown Voltage, (IE = -0.1 mAdc, IC = 0)
V(BR)EBO
-5.0
-
-
Vdc
Collector Cutoff Current, (VCB = -12 Vdc, IE = 0)
ICBO
-
-0.02
-0.1
mAdc
Emitter Cutoff Current, (VCES = -5.0 Vdc, IE = 0)
IEBO
-
-0.03
-0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = -10 mA, VCE = -2.0 V)
(IC = -500 mA, VCE = -2.0 V)
(IC = -1.0 A, VCE = -2.0 V)
hFE
200
100
75
-
-
-
400
250
-
Collector-Emitter Saturation Voltage (Note 3)
(IC = -0.05 A, IB = -0.005 A) (Note 4)
(IC = -0.1 A, IB = -0.002 A)
(IC = -0.1 A, IB = -0.010 A)
(IC = -0.5 A, IB = -0.050 A)
(IC = -1.0 A, IB = -0.100 A)
VCE(sat)
-
-
-
-
-
-0.030
-0.080
-0.050
-0.200
-0.400
-0.040
-0.100
-0.060
-0.225
-0.440
V
Base-Emitter Saturation Voltage (Note 3)
(IC = -1.0 A, IB = -0.01 A)
VBE(sat)
-
-0.95
-1.15
V
Base-Emitter Turn-on Voltage (Note 3)
(IC = -2.0 A, VCE = -1.0 V)
VBE(on)
-
-1.05
-1.20
V
Input Capacitance (VEB = -0.5 V, f = 1.0 MHz)
Cibo
-
40
50
pF
Output Capacitance (VCB = -3.0 V, f = 1.0 MHz)
Cobo
-
15
20
pF
SWITCHING CHARACTERISTICS
Delay (VCC = -10 V, IC = 750 mA, IB1 = 15 mA)
td
-
-
20
ns
Rise (VCC = -10 V, IC = 750 mA, IB1 = 15 mA)
tr
-
-
90
ns
Storage (VCC = -10 V, IC = 750 mA, IB1 = 15 mA)
ts
-
-
140
ns
Fall (VCC = -10 V, IC = 750 mA, IB1 = 15 mA)
tf
-
-
100
ns
SMALL-SIGNAL CHARACTERISTICS
Current-Gain - Bandwidth Product, (IC = -100 mA, VCE = -5 Vdc, f = 100 MHz)
fT
200
-
-
MHz
Noise Figure, (IC = -0.2 mA, VCE = -5 Vdc, RS = 2 kW, f = 1 kHz, BW = 200Hz)
NF
-
-
5.0
dB
3. Pulsed Condition: Pulse Width = 300
msec, Duty Cycle ≤ 2%.
4. Guaranteed by design but not tested.


Số phần tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Mô tả tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS12100XV6T1G ONSEMI-NSS12100XV6T1G Datasheet
100Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS12200WT1G ONSEMI-NSS12200WT1G_09 Datasheet
134Kb / 5P
   12 V, 3 A, Low VCE(sat) PNP Transistor
October, 2009 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G Datasheet
102Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12200WT1G ONSEMI-NSS12200WT1G Datasheet
63Kb / 6P
   12 V, 3 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G_07 Datasheet
108Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com