công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL21080CIH333Z-TK bảng dữ liệu(PDF) 3 Page - Intersil Corporation |
|
ISL21080CIH333Z-TK bảng dữ liệu(HTML) 3 Page - Intersil Corporation |
3 / 17 page 3 FN6934.2 October 14, 2009 Absolute Maximum Ratings Thermal Information Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V VIN to GND (ISL21080-41 and 50 only . . . . -0.5V to +10V VOUT to GND (10s) . . . . . . . . . . . . . . -0.5V to VOUT +1V VOUT to GND (10s) (ISL21080-41 and 50 only . . . . . . . . . -0.5V to +5.1V ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 5500V Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . 2kV Thermal Resistance (Typical) θJA (°C/W) 3 Ld SOT-23 Package (Note 4)..................... 170 Continuous Power Dissipation (TA = +85°C). . . . . . . . 99mW Storage Temperature Range . . . . . . . . . . . -65°C to +150°C Pb-Free Reflow Profile (Note 5). . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Recommended Operating Conditions Temperature. . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . .2.7V to 5.5V CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 5. Post-reflow drift for the ISL21080 devices will range from 100µV to 1.0mV based on experimental results with devices on FR4 double sided boards. The design engineer must take this into account when considering the reference voltage after assembly. 6. Post-assembly x-ray inspection may also lead to permanent changes in device output voltage and should be minimized or avoided. Most inspection equipment will not affect the FGA reference voltage, but if x-ray inspection is required, it is advisable to monitor the reference output voltage to verify excessive shift has not occurred. Electrical Specifications (ISL21080-09, VOUT = 0.9V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT VOUT Output Voltage 0.9 V VOA VOUT Accuracy @ TA = +25°C (Notes 5, 6) -0.7 +0.7 % TC VOUT Output Voltage Temperature Coefficient (Note 7) 50 ppm/°C VIN Input Voltage Range 2.7 5.5 V IIN Supply Current 0.31 1.5 µA ΔVOUT /ΔVIN Line Regulation 2.7 V < VIN < 5.5V 80 350 µV/V ΔVOUT/ΔIOUT Load Regulation Sourcing: 0mA ≤ IOUT ≤ 7mA 25 100 µV/mA Sinking: -7mA ≤ IOUT ≤ 0mA 50 350 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 50 mA tR Turn-on Settling Time VOUT = ±0.1% with no load 4 ms Ripple Rejection f = 120Hz -30 dB eN Output Voltage Noise 0.1Hz ≤ f ≤ 10Hz 30 µVP-P VN Broadband Voltage Noise 10Hz ≤ f ≤ 1kHz 52 µVRMS Noise Density f = 1kHz 1.1 µV/√Hz ΔVOUT/ΔTA Thermal Hysteresis (Note 8) ΔTA = +165°C 100 ppm ΔVOUT/Δt Long Term Stability (Note 9) TA = +25°C 50 ppm Electrical Specifications (ISL21080-10, VOUT = 1.024V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT VOUT Output Voltage 1.024 V VOA VOUT Accuracy @ TA = +25°C (Notes 5, 6) -0.7 +0.7 % ISL21080 |
Số phần tương tự - ISL21080CIH333Z-TK |
|
Mô tả tương tự - ISL21080CIH333Z-TK |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |