công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BD0310E5050A00 bảng dữ liệu(PDF) 1 Page - Anaren Microwave |
|
BD0310E5050A00 bảng dữ liệu(HTML) 1 Page - Anaren Microwave |
1 / 4 page Available on Tape and Reel for Pick and Place Manufacturing. USA/Canada: Toll Free: Europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 Model BD0310E5050A00 Rev A Ultra Low Profile 1008 Balun 50 to 50 Balanced Description The BD03105E5050A00 is a low profile sub-miniature balanced to unbalanced transformer designed for differential input locations on frequency conversion devices such as A to D and D to A converters. In an easy to use surface mount package covering 300 MHz to 1000 MHz and with CMRR performances over 2x that of the incumbent wire wound products, this transformer is optimized to offer improved SFDR management during operation of the frequency converter device. The BD03105E5050A00 is ideal for high volume manufacturing and is higher performance and smaller form factor than traditional wire wound transformers. The BD03105E5050A00 has an unbalanced port impedance of 50 and a 50 balanced port impedance. This transformation enables single ended signals to be applied to differential ports on the frequency converter devices. The output ports have equal amplitude (-3dB) with 180 degree phase differential. The BD03105E5050A00 is available on tape and reel for pick and place high volume manufacturing. Detailed Electrical Specifications: Specifications subject to change without notice. ROOM (25°°°°C) Parameter Min. Typ. Max Unit Frequency 300 1000 MHz Unbalanced Port Impedance 50 Balanced Port Impedance 50 Return Loss 10.3 11.5 dB Insertion Loss* 0.9 1.1 dB Amplitude Balance 0.2 0.7 dB Phase Balance 2 5 Degrees CMRR 35 dB Power Handling 2 Watts Features: • 300 – 1000 MHz • 0.74 mm Height Profile • 50 Ohm to 2 x 25 Ohm • Excellent CMRR • Input to Output DC Isolation • Surface Mountable • Tape & Reel • Non-conductive Surface • RoHS Compliant • Cascadable • Configurable as UnUn Transformer Operating Temperature -55 +85 ºC * Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC) Outline Drawing |
Số phần tương tự - BD0310E5050A00 |
|
Mô tả tương tự - BD0310E5050A00 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |