công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6T39007ANLGI bảng dữ liệu(PDF) 9 Page - Integrated Device Technology

tên linh kiện 6T39007ANLGI
Giải thích chi tiết về linh kiện  CLOCK DISTRIBUTION CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

6T39007ANLGI bảng dữ liệu(HTML) 9 Page - Integrated Device Technology

Back Button 6T39007ANLGI Datasheet HTML 5Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 6Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 7Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 8Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 9Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 10Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 11Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 12Page - Integrated Device Technology 6T39007ANLGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IDT6T39007A
CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
IDT™ CLOCK DISTRIBUTION CIRCUIT
9
IDT6T39007A REV G 111009
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDT6T39007A. These ratings, which
are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless otherwise specified, VDD =2.5 V ±10%, VDDO1 = VDDO2 = 3.0 V ±5%, Ambient Temp. -40 to +85
° C
Item
Rating
Max Supply Voltage, VDD
5 V
LVCMOS_INB, SCLK and SDATA Inputs
-0.5 V to +3.3 V
All Other Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Peak Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+2.25
+2.5
+2.75
V
Output Supply Voltage (VDDO1, VDDO2)
VDD
+3.0
+3.15
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Supply Voltage
VDD
+2.25
+2.5
+2.75
V
Output Supply Voltage
VDDO
VDDO1, VDDO2
VDD
3.0
3.15
V
Input High Voltage
VIH
SEL, OEx, LVCMOS_INB
0.75xVDD
V
SCLK and SDATA
0.7xVDD
Input Low Voltage
VIL
SEL, OEx, LVCMOS_INB
0.35xVDD
V
SCLK and SDATA
0.3xVDD
High-Level Output Voltage
VOH
IOH = -4 mA
1.7
V
Low-Level Output Voltage
VOL
IOL = 4 mA
0.7
V
Operating Supply Current
IDD
No load, all outputs
switching at 13 MHz
15
18
mA
All outputs disabled
TBD
mA
Short Circuit Current
IOS
Single-ended clocks
±70
mA


Số phần tương tự - 6T39007ANLGI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
6T39007ANLGI RENESAS-6T39007ANLGI Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
6T39007ANLGI8 RENESAS-6T39007ANLGI8 Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
More results

Mô tả tương tự - 6T39007ANLGI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
logo
Integrated Device Techn...
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
   CLOCK DISTRIBUTION CIRCUIT
logo
Renesas Technology Corp
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
   CLOCK DISTRIBUTION CIRCUIT
061711
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
   Multichannel clock distribution circuit
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
January 2010 Rev 2
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
   Multi-channel clock distribution circuit
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com