công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMA7496LS20T bảng dữ liệu(PDF) 5 Page - Gamma Microelectronics Inc.

tên linh kiện GMA7496LS20T
Giải thích chi tiết về linh kiện  2W2W AMPLIFIER WITH DC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMMA [Gamma Microelectronics Inc.]
Trang chủ  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMA7496LS20T bảng dữ liệu(HTML) 5 Page - Gamma Microelectronics Inc.

  GMA7496LS20T Datasheet HTML 1Page - Gamma Microelectronics Inc. GMA7496LS20T Datasheet HTML 2Page - Gamma Microelectronics Inc. GMA7496LS20T Datasheet HTML 3Page - Gamma Microelectronics Inc. GMA7496LS20T Datasheet HTML 4Page - Gamma Microelectronics Inc. GMA7496LS20T Datasheet HTML 5Page - Gamma Microelectronics Inc. GMA7496LS20T Datasheet HTML 6Page - Gamma Microelectronics Inc. GMA7496LS20T Datasheet HTML 7Page - Gamma Microelectronics Inc. GMA7496LS20T Datasheet HTML 8Page - Gamma Microelectronics Inc. GMA7496LS20T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
GMA7496L
2W+2W AMPLIFIER WITH DC
VOLUME CONTROL
Electrical Characteristics (continued)
Refer to the test circuit: VS = 14V, RL = 80Ω, Rg = 50 Ω, TA = 25ºC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
MUTE STAND-BY & INPUT SELECTION FUNCTIONS
Stand-by ON Threshold
VST ON
3.5
V
Stand-by OFF Threshold
VST OFF
1.5
V
Mute ON Threshold
VM ON
3.5
V
Mute OFF Threshold
VM OFF
1.5
V
Quiescent Current @ Stand-by
IqST-BY
0.6
1
mA
Mute Attenuation
AMUTE
50
65
dB
Stand by on VST-BY = 5V
80
Stand-by Bias Current
IST-BYBIAS
Play or Mute
-20
-5
µA
Mute
1
5
Mute Bias Current
ImuteBIAS
Play
0.2
2
µA
Application Suggestions:
The recommended values of the external components are those shown in the application circuit of figure 1.
However, different values can be used from the following table of references for further helpr.
Component
Suggestion
Value
Purpose
Larger than
Suggestion
Smaller than
Suggestion
R1
300K
Volume control circuit
Longer volume regulation
time
Shorter volume regulation
time
R2
10K
Mute time constant
Longer mute on/off time
Shorter mute on/off time
P1
50K
Volume control circuit
C1
1000
µF
Supply voltage bypass
Danger of oscillation
C2
470nF
Input DC decoupling
Lower low frequency cutoff
Higher low frequency
cutoff
C3
470nF
Input DC decoupling
Lower low frequency cutoff
Higher low frequency
cutoff
C4
470
µF
Ripple rejection
Better SVR
Worse SVR
C5
100nF
Volume control time
constant
Larger volume regulation
time
Smaller volume regulation
time
C6
1000
µF
Output DC decoupling
Lower low frequency cutoff
Higher low frequency
cutoff
C7
1
µF
Mute time constant
Longer mute on/off time
Shorter mute on/off time
C8
1000
µF
Output DC decoupling
Lower low frequency cutoff
Higher low frequency
cutoff
C9
100nF
Supply voltage bypass
Danger of oscillation


Số phần tương tự - GMA7496LS20T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
GMA7496LD20 GAMMA-GMA7496LD20 Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
More results

Mô tả tương tự - GMA7496LS20T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
First Components Intern...
FC7496L FCI-FC7496L Datasheet
1Mb / 8P
   FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com