công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAP1028-1-BP-TR bảng dữ liệu(PDF) 9 Page - SMSC Corporation

tên linh kiện CAP1028-1-BP-TR
Giải thích chi tiết về linh kiện  8 Channel Capacitive Touch Sensor with 2 LED Drivers
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028-1-BP-TR bảng dữ liệu(HTML) 9 Page - SMSC Corporation

Back Button CAP1028-1-BP-TR Datasheet HTML 5Page - SMSC Corporation CAP1028-1-BP-TR Datasheet HTML 6Page - SMSC Corporation CAP1028-1-BP-TR Datasheet HTML 7Page - SMSC Corporation CAP1028-1-BP-TR Datasheet HTML 8Page - SMSC Corporation CAP1028-1-BP-TR Datasheet HTML 9Page - SMSC Corporation CAP1028-1-BP-TR Datasheet HTML 10Page - SMSC Corporation CAP1028-1-BP-TR Datasheet HTML 11Page - SMSC Corporation CAP1028-1-BP-TR Datasheet HTML 12Page - SMSC Corporation CAP1028-1-BP-TR Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1028
9
Revision 1.1 (08-05-09)
DATASHEET
The pin types are described in detail below. All pins labeled with (5V) are 5V tolerant.
3
SMDATA /
BC_DATA /
SPI_MSIO /
SPI_MISO
SMDATA - Bi-directional, open-drain SMBus data - requires
pull-up resistor
DIOD (5V)
BC_DATA - Bi-directional, open-drain BC-Link data - requires
pull-up resistor
DIO
SPI_MSIO - SPI Master-Slave-In-Out bidirectional port when
used in bi-directional mode
DIO
SPI_MISO - SPI Master-In-Slave-Out port when used in normal
mode
DO
4
SMCLK /
BC_CLK /
SPI_CLK
SMCLK - SMBus clock input - requires pull-up resistor
DI (5V)
BC_CLK - BC-Link clock input
DI (5V)
SPI_CLK - SPI clock input
DI (5V)
5
N/C
Not Internally Connected
n/a
6LED1
Open drain LED 1 driver (default)
OD (5V)
Push-pull LED 1 driver
DO
7LED2
Open drain LED 2 driver (default)
OD (5V)
Push-pull LED 2 driver
DO
8
N/C
Not Internally Connected
n/a
9
RESET
Active high soft reset for system - resets all registers to default
values. This pin contains an internal 50uA pull-down current.
DI (5V)
10
ALERT# /
BC_IRQ#
ALERT# - Active low alert / interrupt output usable for SMBus
alert or SPI interrupt
OD (5V)
BC_IRQ# - Active low interrupt / optional for BC-Link
OD (5V)
11
ADDR_COMM
Address / communications select pin - pull-down resistor
determines address / communications mechanism
AI
12
CS8
Capacitive Touch Sensor 8
AIO
13
CS7
Capacitive Touch Sensor 7
AIO
14
CS6
Capacitive Touch Sensor 6
AIO
15
CS5
Capacitive Touch Sensor 5
AIO
16
CS4
Capacitive Touch Sensor 4
AIO
17
CS3
Capacitive Touch Sensor 3
AIO
18
CS2
Capacitive Touch Sensor 2
AIO
19
CS1
Capacitive Touch Sensor 1
AIO
20
VDD
Positive Power supply
Power
Bottom Pad
GND
Ground
Power
Table 1.1 Pin Description for CAP1028 (continued)
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE


Số phần tương tự - CAP1028-1-BP-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
CAP1026-1-AP-TR SMSC-CAP1026-1-AP-TR Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
More results

Mô tả tương tự - CAP1028-1-BP-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
logo
SMSC Corporation
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Microchip Technology
CAP1126 MICROCHIP-CAP1126 Datasheet
736Kb / 73P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1133 MICROCHIP-CAP1133 Datasheet
931Kb / 63P
   3 Channel Capacitive Touch Sensor with 3 LED Drivers
01/27/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com