công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAP1014-2-EZK-TR bảng dữ liệu(PDF) 10 Page - SMSC Corporation

tên linh kiện CAP1014-2-EZK-TR
Giải thích chi tiết về linh kiện  Multiple Channel Capacitive Touch Sensor and LED Driver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014-2-EZK-TR bảng dữ liệu(HTML) 10 Page - SMSC Corporation

Back Button CAP1014-2-EZK-TR Datasheet HTML 6Page - SMSC Corporation CAP1014-2-EZK-TR Datasheet HTML 7Page - SMSC Corporation CAP1014-2-EZK-TR Datasheet HTML 8Page - SMSC Corporation CAP1014-2-EZK-TR Datasheet HTML 9Page - SMSC Corporation CAP1014-2-EZK-TR Datasheet HTML 10Page - SMSC Corporation CAP1014-2-EZK-TR Datasheet HTML 11Page - SMSC Corporation CAP1014-2-EZK-TR Datasheet HTML 12Page - SMSC Corporation CAP1014-2-EZK-TR Datasheet HTML 13Page - SMSC Corporation CAP1014-2-EZK-TR Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.65 (08-11-09)
10
SMSC CAP1014
DATASHEET
8
VDD
Positive Power supply
Power
9
LED1 / GPIO1
LED1 - Open drain LED driver (default)
OD (5V)
GPI1 - GPIO 1 Input
DI (5V)
GPO1 - GPIO 1 push-pull output
DO
10
LED2 / GPIO 2
LED2 - Open drain LED driver (default)
OD (5V)
GPI2 - GPIO 2 Input
DI (5V)
GPO2 - GPIO 2 push-pull output
DO
11
LED3 / GPIO3
LED3 - Open drain LED driver (default)
OD (5V)
GPI3 - GPIO 3 Input
DI (5V)
GPO3 - GPIO 3 push-pull output
DO
12
LED4 / GPIO4
LED4 - Open drain LED driver (default)
OD (5V)
GPI4 - GPIO 4 Input
DI (5V)
GPO4 - GPIO 4 push-pull output
DO
13
LED5 / GPIO5
LED5 - Open drain LED driver (default)
OD (5V)
GPI5 - GPIO 5 Input
DI (5V)
GPO5 - GPIO 5 push-pull output
DO
14
LED6 / GPIO6
LED6 - Open drain LED driver (default)
OD (5V)
GPI6 - GPIO 6 Input
DI (5V)
GPO6 - GPIO 6 push-pull output
DO
15
LED7 / GPIO7
LED7 - Open drain LED driver (default)
OD (5V)
GPI7 - GPIO 7 Input
DI (5V)
GPO7 - GPIO 7 push-pull output
DO
16
LED8 / GPIO8
LED8 - Open drain LED driver (default)
OD (5V)
GPI8 - GPIO 8 Input
DI (5V)
GPO8 - GPIO 8 push-pull output
DO
17
LED9
LED9 - Open drain LED driver
OD (5V)
18
LED10
LED10 - Open drain LED driver
OD (5V)
19
LED11
LED11 - Open drain LED driver
OD (5V)
20
ALERT
Active High Interrupt / Wake Up Input
DIO
21
SMDATA
Bi-directional SMBus data - requires pull-up
resistor
DIOD (5V)
22
SMCLK
SMBus clock input - requires pull-up resistor
DI (5V)
Table 1.1 Pin Description for CAP1014 (continued)
PIN NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE


Số phần tương tự - CAP1014-2-EZK-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
CAP1005-1-AIA-TR SMSC-CAP1005-1-AIA-TR Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
CAP1006 SMSC-CAP1006 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
CAP1006-1-AIA-TR SMSC-CAP1006-1-AIA-TR Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
CAP1006-2-AIA-TR SMSC-CAP1006-2-AIA-TR Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
More results

Mô tả tương tự - CAP1014-2-EZK-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
CAP1214 SMSC-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1114 MICROCHIP-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.1 02-04-11
logo
SMSC Corporation
CAP1114 SMSC-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1214 MICROCHIP-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com