công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-3000KFE bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện SI-3000KFE
Giải thích chi tiết về linh kiện  Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000KFE bảng dữ liệu(HTML) 1 Page - Sanken electric

  SI-3000KFE Datasheet HTML 1Page - Sanken electric SI-3000KFE Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32
ICs
1-1-1 Linear Regulator ICs
sFeatures
• Compact full-mold package (equivalent to
TO220)
• Output current: 1.0A
• Low dropout voltage: VDIF
≤ 0.5V (at IO = 1.0A)
• High ripple rejection: 75dB
• Low circuit current at output OFF: Iq (OFF)
1
µA
• Built-in overcurrent and thermal protection
circuits
sApplications
• Secondary stabilized power supply (local
power supply)
sAbsolute Maximum Ratings
Unit
V
V
A
W
W
°C
°C
°C
°C/W
°C/W
Symbol
VIN
Vc
Io
PD1
PD2
Tj
Tstg
Top
θj-c
θj-a
Parameter
DC Input Voltage
Output Control Terminal Voltage
DC Output Current
Power Dissipation
Junction Temperature
Storage Temperature
Operating Ambient Temperature
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to Ambient Air)
(Ta=25
°C)
Ratings
SI-3010KFE
35*1
VIN
1.0
16.6
1.72
–40 to +125
–40 to +125
–40 to +100
6.0
58
Remarks
With infinite heatsink
Without heatsink, stand-alone operation
Without heatsink, stand-alone operation
*1: A built-in input-overvoltage-protection circuit shuts down the output voltage at the Input Overvoltage Shutdown Voltage
of the electrical characteristics.
*1: VIN (max) and IO (max) are restricted by the relationship PD (max) = (VIN - VO)
× IO = 16.6W.
*2: Refer to the Dropout Voltage parameter.
sRecommended Operating Conditions
Parameter
Input Voltage Range
Output Current Range
Output Voltage Variable Range
Operating Ambient Temperature
Operating Junction Temperature
Symbol
VIN
IO
VOADJ
Top
Tj
Unit
V
A
V
°C
°C
Ratings
SI-3010KFE
2.4*2 to 27*1
0 to 1.0*1
1.1 to 16
–30 to +85
–20 to +100
sElectrical Characteristics
*3: IS1 is specified at the 5% drop point of output voltage VO on the condition that VIN = overcurrent protection starting current, IO = 10 mA.
*4: Output is OFF when the output control terminal VC is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
*5: SI-3000KFE cannot be used in the following applications because the built-in foldback-type overcurrent protection may cause errors during start-up stage.
(1) Constant current load (2) Positive and negative power supply (3) Series-connected power supply (4) VO adjustment by raising ground voltage
Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KFE Series
Unit
V
mV
mV
V
µA
µA
mV/
°C
dB
A
V
V
µA
µA
V
Parameter
Reference Voltage
Line Regulation
Load Regulation
Dropout Voltage
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient of
Output Voltage
Ripple Rejection
Overcurrent Protection Starting
Current*3
Control Voltage (Output ON)*4
Control Voltage (Output OFF)
VC
Terminal
Control Current (Output ON)
Control Current (Output OFF)
Input Overvoltage Shutdown
Voltage
Symbol
VADJ
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
VDIF
Conditions
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
IS1
Conditions
VC, IH
Conditions
VC, IL
Conditions
IC, IH
Conditions
IC, IL
Conditions
VOVP
Conditions
Ratings
SI-3010KFE
min.
typ.
max.
0.98
1.00
1.02
VIN=7V, IO=0.01A,
VC=2V, VO=5A
30
VIN=6 to 15V, IO=0.01A,
VC=2V, VO=5A
75
VIN=7V, IO=0 to 1A, VC=2V,
VO=5A
0.3
IO=0.5A, VC=2V, VO=5V
0.5
IO=1.0A, VC=2V, VO=5V
600
VIN=7V, IO=0A, VC=2V
1
VIN=7V, VC=0V
±0.5
VIN=7V, IO=0.01A, VC=2V,
Tj=0 to 100
°C, VO=2.5V
75
VIN=7V, IO=0.1A, VC=2V,
f=100 to 120Hz, V O=5V
1.1
VIN=7V, VC=2V
2
VIN=7V
0.8
VIN=7V
40
VIN=7V, VC=2V
–5
0
VIN=7V, VC=0V
33
IO=0.01A


Số phần tương tự - SI-3000KFE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-3000KF SANKEN-SI-3000KF_10 Datasheet
45Kb / 2P
   Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KF SANKEN-SI-3000KF_11 Datasheet
78Kb / 2P
   Low Current Consumption, Low Dropout Voltage
More results

Mô tả tương tự - SI-3000KFE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-3000KF SANKEN-SI-3000KF_10 Datasheet
45Kb / 2P
   Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com