công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ULN2804 bảng dữ liệu(PDF) 3 Page - Unisonic Technologies

tên linh kiện ULN2804
Giải thích chi tiết về linh kiện  EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2804 bảng dữ liệu(HTML) 3 Page - Unisonic Technologies

  ULN2804 Datasheet HTML 1Page - Unisonic Technologies ULN2804 Datasheet HTML 2Page - Unisonic Technologies ULN2804 Datasheet HTML 3Page - Unisonic Technologies ULN2804 Datasheet HTML 4Page - Unisonic Technologies ULN2804 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ULN2804
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R113-002,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
30
V
Output Voltage
VOUT
50
V
Collector Current – Continuous
IC
500
mA
Base Current – Continuous
IB
25
mA
DIP-18
1.5
W
Power Dissipation
SOP-18
PD
0.95
W
Junction Temperature
TJ
+120
°C
Operating Ambient Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
DIP-18
60
°C /W
Thermal resistance from junction to Ambient
SOP-18
θJA
80
°C /W
ELECTRICAL CHARACTERISTICS (Ta = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST
FIGURE
TEST CONDITIONS
MIN
TYP
MAX UNIT
IOUT=350mA, IIN=500μA
1.3
1.6
V
IOUT=200mA, IIN=350μA
1.1
1.3
V
Collector-Emitter
Saturation Voltage
VCE(SAT)
1
IOUT=100mA,IIN=250μA
0.9
1.1
V
IOUT=125mA
5.0
V
IOUT=200mA
6.0
V
IOUT=275mA
7.0
V
Input Voltage
VIN(ON)
2
VCE=2.0V
IOUT=350mA
8.0
V
Clamp Diode Forward Voltage
VF
3
IF=350mA
1.5
2.0
V
4a
VOUT=50V,Ta=70°C
100
Output Leakage Current
ICEX
4b
VOUT=50V,Ta=70°C,VIN =1.0V
500
μA
VIN =5V
0.35
0.5
mA
ON
IIN(ON)
5
VIN =12V
1.0
1.45
mA
Input Current
OFF
IIN(OFF)
6
IOUT=500μA, Ta=70°C
50
100
μA
VR=50V, Ta=25°C
50
μA
Clamp Diode Reverse Current
IR
7
VR=50V, Ta=70°C
100
μA
DC Current Gain
hFE
VOUT=2V, IOUT=350mA
1000
Input Capacitance
CIN
15
25
pF
Turn-On Delay
tON
8
0.25
1
μS
Turn-Off Delay
tOFF
8
0.25
1
μS


Số phần tương tự - ULN2804

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
ULN2804 ALLEGRO-ULN2804 Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2804 FCI-ULN2804 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
ON Semiconductor
ULN2804A ONSEMI-ULN2804A Datasheet
85Kb / 6P
   OCTAL PERIPHERAL DRIVER ARRAYS
REV 1
logo
Allegro MicroSystems
ULN2804A ALLEGRO-ULN2804A Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULN2804A ALLEGRO-ULN2804A Datasheet
272Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
More results

Mô tả tương tự - ULN2804

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
ULN2804 UTC-ULN2804_15 Datasheet
200Kb / 5P
   EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
   High-Voltage, High-Current Darlington Arrays
logo
Allegro MicroSystems
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
Leshan Radio Company
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
   High-Voltage, High - Current Darlington Arrays
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
ULN-7000A ETC2-ULN-7000A Datasheet
684Kb / 32P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com