công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8558I bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS8558I
Giải thích chi tiết về linh kiện  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8558I bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8558I Datasheet HTML 1Page - Texas Instruments ADS8558I Datasheet HTML 2Page - Texas Instruments ADS8558I Datasheet HTML 3Page - Texas Instruments ADS8558I Datasheet HTML 4Page - Texas Instruments ADS8558I Datasheet HTML 5Page - Texas Instruments ADS8558I Datasheet HTML 6Page - Texas Instruments ADS8558I Datasheet HTML 7Page - Texas Instruments ADS8558I Datasheet HTML 8Page - Texas Instruments ADS8558I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
CDAC1
CDAC2
SARRegister1/2
S/H
S/H
Comparator
Comparator
CDAC3
CDAC4
SARRegister3/4
S/H
S/H
Comparator
Comparator
CDAC5
CDAC6
SARRegister5/6
StringDAC
Clock
Generator
S/H
S/H
Comparator
Comparator
Internal2.5V
Reference
I/O
Control
Logic
Config
Register
CH_A0
CONVST_A
CH_A1
AGND
AGND
REFC_A
CH_B0
CONVST_B
CH_B1
AGND
AGND
REFC_B
CH_C0
CONVST_C
CH_C1
AGND
AGND
REFC_C
REF IO
_
HVSS
AVDD
AGND
ADS8556
ADS8557
ADS8558
Buffer
Buffer
Buffer
Buffer
HVDD
BVDD
BGND
HW/SW
REF
/WR
EN
STBY
RESET
RANGE/XCLK
BUSY/INT
DB[15:0]
WORD/BYTE
PAR/SER
RD
CS
/FS
ADS8556
ADS8557
ADS8558
www.ti.com ............................................................................................................................................... SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009
16-, 14-, 12-Bit, Six-Channel, Simultaneous Sampling
ANALOG-TO-DIGITAL CONVERTERS
2
• Family of 16-, 14-, 12-Bit, Pin- and
The ADS8556/7/8 contain six low-power, 16-, 14-, or
Software-Compatible ADCs
12-bit,
successive
approximation
register
(SAR)
based analog-to-digital converters (ADCs) with true
• Six SAR ADCs Grouped in Three Pairs
bipolar
inputs.
Each
channel
contains
a
• Maximum Data Rate Per Channel with Internal
sample-and-hold circuit that allows simultaneous
Conversion Clock and Reference:
high-speed multi-channel signal acquisition.
ADS8556: 630kSPS (PAR) or 450kSPS (SER)
The ADS8556/7/8 support data rates of up to
ADS8557: 670kSPS (PAR) or 470kSPS (SER)
730kSPS in parallel interface mode or up to 500kSPS
ADS8558: 730kSPS (PAR) or 500kSPS (SER)
if the serial interface is used. The bus width of the
• Maximum Data Rate with External Conversion
parallel interface can be set to eight or 16 bits. In
Clock and Reference:
serial mode, up to three output channels can be
800kSPS (PAR) or 530kSPS (SER)
activated.
• Pin-Selectable or Programmable Input Voltage
The ADS8556/7/8 is specified over the full industrial
Ranges: Up to ±12V
temperature range of –40°C to +125°C and is
• Excellent Signal-to-Noise Performance:
available in an LQFP-64 package.
91.5dB (ADS8556)
85dB (ADS8557)
73.9dB (ADS8558)
• Programmable and Buffered Internal
Reference: 0.5V to 2.5V and 0.5V to 3.0V
• Comprehensive Power-Down Modes:
Deep Power-Down (Standby Mode)
Partial Power-Down
Auto-Nap Power-Down
• Selectable Parallel or Serial Interface
• Operating Temperature Range:
–40°C to +125°C
• LQFP-64 Package
• Power Quality Measurement
• Protection Relays
• Multi-Axis Motor Control
• Programmable Logic Controllers
• Industrial Data Acquisition
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8558I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8558IPM TI1-ADS8558IPM Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8558IPMR TI1-ADS8558IPMR Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
More results

Mô tả tương tự - ADS8558I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com