công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8557I bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện ADS8557I
Giải thích chi tiết về linh kiện  16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8557I bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS8557I Datasheet HTML 5Page - Texas Instruments ADS8557I Datasheet HTML 6Page - Texas Instruments ADS8557I Datasheet HTML 7Page - Texas Instruments ADS8557I Datasheet HTML 8Page - Texas Instruments ADS8557I Datasheet HTML 9Page - Texas Instruments ADS8557I Datasheet HTML 10Page - Texas Instruments ADS8557I Datasheet HTML 11Page - Texas Instruments ADS8557I Datasheet HTML 12Page - Texas Instruments ADS8557I Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
R
=200
SER
W
R
=130
SW
W
R
=200W
SER
R
=130
SW
W
C
=5pF
PAR
C =20pF
S
C =20pF
S
CH_XX
AGND
Inputrange: 2V
±
REF
V
DC
R
=200
SER
W
R
=130
SW
W
R
=200W
SER
R
=130
SW
W
C
=5pF
PAR
C =10pF
S
C =10pF
S
CH_XX
AGND
Inputrange: 4V
±
REF
V
DC
ADS8556
ADS8557
ADS8558
www.ti.com ............................................................................................................................................... SBAS404A – OCTOBER 2006 – REVISED AUGUST 2009
ELECTRICAL CHARACTERISTICS: GENERAL (continued)
Over recommended operating free-air temperature range of –40°C to +125°C, AVDD = 4.5V to 5.5V, BVDD = 2.7V to 5.5V,
HVDD = 10V to 15V, HVSS = –15V to –10V, VREF = 2.5V (internal), and fDATA = maximum, unless otherwise noted.
ADS8556, ADS8557, ADS8558
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
POWER-SUPPLY REQUIREMENTS (continued)
ADS8556, fDATA = maximum
251.7
298.5
mW
ADS8557, fDATA = maximum
253.2
303.0
mW
ADS8558, fDATA = maximum
262.2
318.0
mW
ADS8556, fDATA = 250kSPS (auto-NAP mode)
122.5
150.0
mW
Power dissipation(9)
ADS8557, fDATA = 250kSPS (auto-NAP mode)
122.5
152.5
mW
ADS8558, fDATA = 250kSPS (auto-NAP mode)
122.5
157.5
mW
Auto-NAP mode, no ongoing conversion,
26.0
38.3
mW
internal conversion clock
Power-down mode
3.8
580.0
µW
(9)
At AVDD = 5V, BVDD = 3V, HVDD = 15V, and HVSS = –15V.
EQUIVALENT INPUT CIRCUITS
Copyright © 2006–2009, Texas Instruments Incorporated
9
Product Folder Link(s): ADS8556 ADS8557 ADS8558


Số phần tương tự - ADS8557I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8557IPM TI1-ADS8557IPM Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8557IPMR TI1-ADS8557IPMR Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
More results

Mô tả tương tự - ADS8557I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com