công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP-75A bảng dữ liệu(PDF) 1 Page - RSG Electronic Components GmbH

tên linh kiện TP-75A
Giải thích chi tiết về linh kiện  75W Triple Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RSG [RSG Electronic Components GmbH]
Trang chủ  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

TP-75A bảng dữ liệu(HTML) 1 Page - RSG Electronic Components GmbH

  TP-75A Datasheet HTML 1Page - RSG Electronic Components GmbH TP-75A Datasheet HTML 2Page - RSG Electronic Components GmbH TP-75A Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
TP-75A
TP-75B
TP-75C
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
5V
CH1
12V
CH2
-5V
CH3
5V
CH1
12V
CH2
-12V
CH3
5V
CH1
15V
CH2
-15V
CH3
7A
3A
0.6A
7A
3A
0.4A
6A
2.5A
0.5A
1.5~10A
0.2~4A
0~0.6A
1.5~10A
0.2~4A
0~0.6A
1.5~10A
0.2~3A
0~0.6A
74W
75.8W
75W
100mVp-p
120mVp-p
100mVp-p
100mVp-p
120mVp-p
120mVp-p
100mVp-p
120mVp-p
120mVp-p
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
CH1:4.75~5.5V
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
8.0%
8.0%
8.0%
8.0%
8.0%
8.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
800ms,60msatfullload
36msatfullload
90~264VAC127~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
70%
1.5A/115VAC0.8A/115VAC
COLDSTART 20A/230VAC
<2mA /240VAC
105~150% ratedoutputpower
5.75~6.75Von+5V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
198.4Khrsmin.MIL-HDBK-217F(25
)
179*99*33mm(L*W*H)
0.65Kg;20pcs/12.7Kg/0.64CUFT
75W TripleOutputwithPFCFunction
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections:Short circuit/Over load/Over voltage
Low profile: 33mm thickness
LED indicator for power on
Cooling by free air convection
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
Features :
T P - 7 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC1min.
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
OUTPUTNUMBER
FileName:TP-75-SPEC2006-04-13
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Số phần tương tự - TP-75A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Astrodyne Corporation
TP-75A ASTRODYNE-TP-75A Datasheet
439Kb / 3P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75A MEANWELL-TP-75A Datasheet
594Kb / 3P
   75W Triple Output with PFC Function
TP-75A MEANWELL-TP-75A Datasheet
609Kb / 3P
   75W Triple Output with PFC Function
TP-75A MEANWELL-TP-75A Datasheet
607Kb / 3P
   75W Triple Output with PFC Function
More results

Mô tả tương tự - TP-75A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Astrodyne Corporation
TP-75 ASTRODYNE-TP-75 Datasheet
439Kb / 3P
   75W Triple Output with PFC Function
TP75 ASTRODYNE-TP75 Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75_12 Datasheet
607Kb / 3P
   75W Triple Output with PFC Function
TP-75 MEANWELL-TP-75 Datasheet
594Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
TP75DRL ASTRODYNE-TP75DRL Datasheet
1Mb / 4P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75_10 Datasheet
609Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
   75W Single Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com