công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC15XS3400DPNA bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC15XS3400DPNA
Giải thích chi tiết về linh kiện  Quad High Side Switch (Quad 15 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400DPNA bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC15XS3400DPNA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 10Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 11Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
15XS3400
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUTS
Battery Supply Voltage Range
Fully Operational
Extended mode(10)
VPWR
6.0
4.0
20
28
V
Battery Clamp Voltage(11)
VPWR(CLAMP)
41
47
53
V
VPWR Operating Supply Current
Outputs commanded ON,
HS[0:3] open, IN[0:3] > VIH
IPWR(ON)
6.5
20
mA
VPWR Supply Current
Outputs commanded OFF, OFF Open-load Detection Disabled,
HS[0:3] shorted to the ground with VDD= 5.5 V
WAKE > VIH or RST > VIH and IN[0:3] < VIL
IPWR(SBY)
6.0
8.0
mA
Sleep State Supply Current
VPWR = 12 V, RST = WAKE = IN[0:3] < VIL, HS[0:3] shorted to the
ground
TA = 25°C
TA = 85°C
IPWR(SLEEP)
1.0
5.0
30
μA
VDD Supply Voltage
VDD(ON)
3.0
5.5
V
VDD Supply Current at VDD = 5.5 V
No SPI Communication
8.0 MHz SPI Communication(12)
IDD(ON)
1.6
5.0
2.2
mA
VDD Sleep State Current at VDD = 5.5 V
IDD(SLEEP)
5.0
μA
Over-voltage Shutdown Threshold
VPWR(OV)
28
32
36
V
Over-voltage Shutdown Hysteresis
VPWR(OVHYS)
0.2
0.8
1.5
V
Under-voltage Shutdown Threshold(13)
VPWR(UV)
3.3
3.9
4.3
V
Recovery Under-voltage Shutdown Threshold
VPWR(UV)_UP
3.4
4.1
4.5
V
VPWR and VDD Power on Reset Threshold
VSUPPLY(POR)
0.5
-
0.9
VPWR
(UV)
VDD Supply Failure Threshold ( for VPWR > VPWR(UV) )
VDD(FAIL)
2.2
2.5
2.8
Notes
10.
In extended mode, the functionality is guaranteed but not the electrical parameters. From 4.0 V to 6.0 V voltage range, the device is only
protected with the thermal shutdown detection.
11.
Measured with the outputs open.
12.
Typical value guaranteed per design.
13.
Output will automatically recover with time limited autoretry to instructed state when VPWR voltage is restored to normal as long as the
VPWR degradation level did not go below the undervoltage power-ON reset threshold. This applies to all internal device logic that is
supplied by VPWR and assumes that the external VDD supply is within specification.


Số phần tương tự - MC15XS3400DPNA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC15XS3400DHFK FREESCALE-MC15XS3400DHFK Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
More results

Mô tả tương tự - MC15XS3400DPNA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com