công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC15XS3400DPNA bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC15XS3400DPNA
Giải thích chi tiết về linh kiện  Quad High Side Switch (Quad 15 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400DPNA bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC15XS3400DPNA Datasheet HTML 1Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 2Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 3Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC15XS3400DPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
15XS3400
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 15XS3400 Pin Connections
Table 2. 15XS3400 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 23.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition
1
CSNS
Output
Output Current
Monitoring
This pin reports an analog value proportional to the designated HS[0:3] output
current or the temperature of the GND flag (pin 14). It is used externally to
generate a ground-referenced voltage for the microcontroller (MCU) . Current
recopy and temperature feedback is SPI programmable.
2
3
5
6
IN0
IN1
IN2
IN3
Input
Direct Inputs
Each direct input controls the device mode. The IN[0:3] high side input pins
are used to directly control HS0:HS3 high side output pins.
The PWM frequency can be generated from IN0 pin to PWM module in case
the external clock is set.
7
FS
Output
Fault Status
(Active Low)
This pin is an open drain configured output requiring an external pull-up
resistor to VDD for fault reporting.
8
WAKE
Input
Wake
This input pin controls the device mode.
9
RST
Input
Reset
This input pin is used to initialize the device configuration and fault registers,
as well as place the device in a low-current Sleep mode.
10
CS
Input
Chip Select
(Active Low)
This input pin is connected to a chip select output of a master microcontroller
(MCU).
11
SCLK
Input
Serial Clock
This input pin is connected to the MCU providing the required bit shift clock for
SPI communication.
12
SI
Input
Serial Input
This pin is a command data input pin connected to the SPI serial data output
of the MCU or to the SO pin of the previous device of a daisy
-chain of devices.
13
VDD
Power
Digital Drain Voltage
This pin is an external voltage input pin used to supply power interfaces to the
SPI bus.
Transparent Top View of Package
13
24
12
10
9
8
7
6
5
4
3
2
1
11
23
22
19
20
21
16
17
18
15
14
SO
GND
HS3
HS1
NC
HS0
HS2
GND
FSI
GND
VPWR


Số phần tương tự - MC15XS3400DPNA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC15XS3400DHFK FREESCALE-MC15XS3400DHFK Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
More results

Mô tả tương tự - MC15XS3400DPNA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com