công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC15XS3400CPNA bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc |
|
MC15XS3400CPNA bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 51 page Analog Integrated Circuit Device Data Freescale Semiconductor 5 15XS3400 PIN CONNECTIONS 14, 17, 23 GND Ground Ground These pins, internally shorted, are the ground for the logic and analog circuitry of the device. These ground pins must be also shorted in the board. 15 VPWR Power Positive Power Supply This pin connects to the positive power supply and is the source of operational power for the device. 16 SO Output Serial Output This output pin is connected to the SPI serial data input pin of the MCU or to the SI pin of the next device of a daisy -chain of devices. 18 19 21 22 HS3 HS1 HS0 HS2 Output High Side Outputs Protected 15 m Ω high side power output pins to the load. 4, 20 NC N/A No Connect These pins may not be connected. 24 FSI Input Fail-safe Input This input enables the watchdog timeout feature. Table 2. 15XS3400 Pin Definitions (continued) A functional description of each pin can be found in the Functional Pin Description section beginning on page 23. Pin Number Pin Name Pin Function Formal Name Definition |
Số phần tương tự - MC15XS3400CPNA |
|
Mô tả tương tự - MC15XS3400CPNA |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |