công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-3025KM bảng dữ liệu(PDF) 7 Page - Allegro MicroSystems

tên linh kiện SI-3025KM
Giải thích chi tiết về linh kiện  Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3025KM bảng dữ liệu(HTML) 7 Page - Allegro MicroSystems

Back Button SI-3025KM Datasheet HTML 3Page - Allegro MicroSystems SI-3025KM Datasheet HTML 4Page - Allegro MicroSystems SI-3025KM Datasheet HTML 5Page - Allegro MicroSystems SI-3025KM Datasheet HTML 6Page - Allegro MicroSystems SI-3025KM Datasheet HTML 7Page - Allegro MicroSystems SI-3025KM Datasheet HTML 8Page - Allegro MicroSystems SI-3025KM Datasheet HTML 9Page - Allegro MicroSystems SI-3025KM Datasheet HTML 10Page - Allegro MicroSystems SI-3025KM Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
10
sSI-3025KM Typical Characteristics
(Ta=25
°C)
qSI-3000KM Series
Dropout Voltage
Output Rise Characteristics
Line Regulation
Load Regulation
Overcurrent Protection Characteristics
Quiescent Circuit Current
Circuit Current
Output ON/OFF Control
Output ON/OFF Control Current
1
0.8
0.6
0.4
0.2
0
0.2
0.4
Output Current IO (A)
0.6
0.8
1
3
2
1
01
2
3
4
Input Voltage VIN (V)
IO=0 to 1A
0.25A step
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
02
4
6
8
10
Input Voltage VIN (V)
IO=0 to 1A
0.25A step
2.52
2.50
2.48
2.46
2.44
2.42
2.40
0
0.2
0.4
Output Current IO (A)
0.6
0.8
1
VIN=3.3V
4V
5V
6V
8V
3
2
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current IO (A)
VIN=3.3V
4V
5V
6V
02
4
6
8
10
12
14
16
18
600
500
400
300
200
100
IO=0A
VC=2V
Input Voltage VIN (V)
60
40
20
02
4
6
8
Input Voltage VIN (V)
IO=1A
0.75A
0.25A
0.5A
0A
3
2
1
0
0.5
1
1.5
2
VC Terminal Control Voltage VC (V)
VIN=3.3V
IO=0A
30
20
25
15
5
10
01
2
3
4
VC Terminal Control Voltage VC (V)
Thermanl Protection Characteristics
3
2
1
0
80
120
160
180
40
Junction Temperature Tj (
°C)
VIN=3.3V
IO=0.01A


Số phần tương tự - SI-3025KM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
logo
Sanken electric
SI-3025KM SANKEN-SI-3025KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3025KM-TL ALLEGRO-SI-3025KM-TL Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
More results

Mô tả tương tự - SI-3025KM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com