công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10XS3412 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc |
|
MC10XS3412 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc |
8 / 53 page Analog Integrated Circuit Device Data 8 Freescale Semiconductor 10XS3412 ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS Table 4. Static Electrical Characteristics Characteristics noted under conditions 6.0 V ≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted. Characteristic Symbol Min Typ Max Unit POWER INPUTS Battery Supply Voltage Range Fully Operational Extended mode(10) VPWR 6.0 4.0 – – 20 28 V Battery Clamp Voltage(11) VPWR(CLAMP ) 41 47 53 V VPWR Operating Supply Current Outputs commanded ON, HS[0:3] open, IN[0:3] > VIH IPWR(ON) – 6.5 20 mA VPWR Supply Current Outputs commanded OFF, OFF Open-load Detection Disabled, HS[0:3] shorted to the ground with VDD= 5.5 V WAKE > VIH or RST > VIH and IN[0:3] < VIL IPWR(SBY) – 6.5 8.0 mA Sleep State Supply Current VPWR = 12V, RST = WAKE = IN[0:3] < VIL, HS[0:3] shorted to the ground TA = 25°C TA = 85°C IPWR(SLEEP) – – 1.0 – 5.0 30 μA VDD Supply Voltage VDD(ON) 3.0 – 5.5 V VDD Supply Current at VDD = 5.5 V No SPI Communication 8.0 MHz SPI Communication(12) IDD(ON) – – 1.6 5.0 2.2 – mA VDD Sleep State Current at VDD = 5.5 V IDD(SLEEP) – – 5.0 μA Over-voltage Shutdown Threshold VPWR(OV) 28 32 36 V Over-voltage Shutdown Hysteresis VPWR(OVHYS ) 0.2 0.8 1.5 V Under-voltage Shutdown Threshold(13) VPWR(UV) 3.3 3.9 4.3 V VPWR and VDD Power on Reset Threshold VSUPPLY(PO R) 0.5 - 0.9 VPWR(UV) Recovery Under-voltage Threshold Vpwr(UV)_U P 3.4 4.1 4.5 V VDD Supply Failure Threshold ( for VPWR > VPWR(UV) ) VDD(FAIL) 2.2 2.5 2.8 V Notes 10. In extended mode, the functionality is guaranteed but not the electrical parameters. From 4.0 V to 6.0 V voltage range, the device is only protected with the thermal shutdown detection. 11. Measured with the outputs open. 12. Typical value guaranteed per design. 13. Output will automatically recover with time limited autoretry to instructed state when VPWR voltage is restored to normal as long as the VPWR degradation level did not go below the under-voltage power-ON reset threshold. This applies to all internal device logic that is supplied by VPWR and assumes that the external VDD supply is within specification. |
Số phần tương tự - MC10XS3412 |
|
Mô tả tương tự - MC10XS3412 |