công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADG1423BRMZ-REEL7 bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
ADG1423BRMZ-REEL7 bảng dữ liệu(HTML) 7 Page - Analog Devices |
7 / 16 page ADG1421/ADG1422/ADG1423 Rev. 0 | Page 7 of 16 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 5. Parameter Rating VDD to VSS 35 V VDD to GND −0.3 V to +25 V VSS to GND +0.3 V to −25 V Analog Inputs1 VSS − 0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first Digital Inputs1 GND − 0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first Peak Current, S or D (Pulsed at 1 ms, 10% Duty-Cycle Maximum) 10-Lead MSOP (4-Layer Board) 300 mA 10-Lead LFCSP 400 mA Continuous Current per Channel, S or D Data in Table 4 + 15% mA Operating Temperature Range Industrial −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C Reflow Soldering Peak Temperature, Pb Free 260°C 1 Over voltages at IN, S, or D are clamped by internal diodes. Current should be limited to the maximum ratings given. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE Table 6. Thermal Resistance Package Type θJA θJC Unit 10-Lead MSOP (4-Layer Board) 142 44 °C/W 10-Lead LFCSP 76 °C/W ESD CAUTION |
Số phần tương tự - ADG1423BRMZ-REEL7 |
|
Mô tả tương tự - ADG1423BRMZ-REEL7 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |