công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1439BRUZ bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADG1439BRUZ
Giải thích chi tiết về linh kiện  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1439BRUZ bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADG1439BRUZ Datasheet HTML 4Page - Analog Devices ADG1439BRUZ Datasheet HTML 5Page - Analog Devices ADG1439BRUZ Datasheet HTML 6Page - Analog Devices ADG1439BRUZ Datasheet HTML 7Page - Analog Devices ADG1439BRUZ Datasheet HTML 8Page - Analog Devices ADG1439BRUZ Datasheet HTML 9Page - Analog Devices ADG1439BRUZ Datasheet HTML 10Page - Analog Devices ADG1439BRUZ Datasheet HTML 11Page - Analog Devices ADG1439BRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 8 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
CD (Off )
ADG1438
76
pF typ
f = 1 MHz.
ADG1439
38
pF typ
f = 1 MHz.
CD, CS (On)
ADG1438
311
pF typ
f = 1 MHz.
ADG1439
151
pF typ
f = 1 MHz.
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V.
IDD
0.001
μA typ
Digital inputs = 0 V or VL.
1
μA max
IL Inactive
0.3
μA typ
Digital inputs = 0 V or VL.
1
μA max
IL Active – 30 MHz
0.26
mA typ
Digital inputs toggle between 0 V and VL.
0.3
0.35
mA max
IL Active – 50 MHz
0.42
mA typ
Digital inputs toggle between 0 V and VL.
0.5
0.55
mA max
ISS
0.001
μA typ
Digital inputs = 0 V or VL.
1
μA max
VDD/VSS
±4.5/±16.5
V min/Vmax
1 Guaranteed by design, not subject to production test.
CONTINUOUS CURRENT PER CHANNEL
Table 5. ADG1438, One Channel On
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT PER CHANNEL1
15 V Dual Supply
VDD = +13.5 V, VSS = −13.5 V
20-Lead TSSOP (θJA = 112.6°C/W)
169
97
48
mA max
20-Lead LFCSP (θJA = 30.4°C/W)
295
139
55
mA max
12 V Single Supply
VDD = 10.8 V, VSS = 0 V
20-Lead TSSOP (θJA = 112.6°C/W)
161
93
47
mA max
20-Lead LFCSP (θJA = 30.4°C/W)
281
135
54
mA max
5 V Dual Supply
VDD = +4.5 V, VSS = −4.5 V
20-Lead TSSOP (θJA = 112.6°C/W)
122
76
43
mA max
20-Lead LFCSP (θJA = 30.4°C/W)
214
114
51
mA max
1 Guaranteed by design, not subject to production test.
Table 6. ADG1439, One Channel On Per Multiplexer
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT PER CHANNEL1
15 V Dual Supply
VDD = +13.5 V, VSS = −13.5 V
20-Lead TSSOP (θJA = 112.6°C/W)
125
77
43
mA max
20-Lead LFCSP (θJA = 30.4°C/W)
220
116
52
mA max
12 V Single Supply
VDD = 10.8 V, VSS = 0 V
20-Lead TSSOP (θJA = 112.6°C/W)
119
74
42
mA max
20-Lead LFCSP (θJA = 30.4°C/W)
210
112
51
mA max
5 V Dual Supply
VDD = +4.5 V, VSS = −4.5 V
20-Lead TSSOP (θJA = 112.6°C/W)
159
93
47
mA max
20-Lead LFCSP (θJA = 30.4°C/W)
90
59
37
mA max
1 Guaranteed by design, not subject to production test.


Số phần tương tự - ADG1439BRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results

Mô tả tương tự - ADG1439BRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com