công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1438BCPZ-REEL7 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADG1438BCPZ-REEL7
Giải thích chi tiết về linh kiện  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1438BCPZ-REEL7 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADG1438BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1438BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 7 of 20
±5 V DUAL SUPPLY
VDD = +5 V ± 10%, VSS = −5 V ± 10%, VL = 2.7 V to VDD, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)
21
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VS = ±4.5 V,
IS = −10 mA; see Figure 27.
25
29
32
Ω max
On-Resistance Match Between
Channels (ΔRON)
0.6
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VS = ±4.5V,
IS = −10 mA.
1.3
1.7
1.9
Ω max
On-Resistance Flatness (RFLAT(ON))
5.2
Ω typ
VDD = +4.5 V, VSS = −4.5 V, VS = ±4.5 V,
IS = −10 mA.
6.4
7.3
7.6
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V.
Source Off Leakage, IS (Off )
±0.02
nA typ
VS = ±4.5 V, VD =
4.5 V; see Figure 28.
±0.15
±1
±2
nA max
Drain Off Leakage, ID (Off )
±0.02
nA typ
VS = ±4.5 V, VD =
4.5 V; see Figure 28.
ADG1438
±0.25
±3
±12
nA max
ADG1439
±0.25
±1.5
±6
nA max
Channel On Leakage, ID, IS (On)
±0.05
nA typ
VS = VD = ±4.5 V; see Figure 29.
±0.3
±3
±12
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
±0.001
μA typ
VIN = VGND or VL.
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
LOGIC OUTPUTS (SDO)
Output Low Voltage, VOL1
0.4
V max
ISINK = 3 mA.
0.6
V max
ISINK = 6 mA.
High Impedance Leakage Current
0.001
μA typ
±1
μA max
High Impedance Output
Capacitance1
4
pF typ
DYNAMIC CHARACTERISTICS1
Break-Before-Make Time Delay, tBBM
150
ns typ
RL = 100 Ω, CL = 35 pF.
80
ns min
VS1 = VS2 = 3 V; see Figure 31.
Transition Time, tTRANSITION
200
ns typ
RL = 100 Ω, CL = 35 pF.
230
315
350
ns max
VS = 3 V; see Figure 30.
Charge Injection
5
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 32.
Off Isolation
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 33.
Channel-to-Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 34.
Total Harmonic Distortion (THD + N)
0.14
% typ
RL = 110 Ω, 5 V p-p, f = 20 Hz to 20 kHz;
see Figure 36.
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF; see Figure 35.
ADG1438
62
MHz typ
ADG1439
116
MHz typ
Insertion Loss
1.2
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 35.
CS (Off )
12
pF typ
f = 1 MHz.


Số phần tương tự - ADG1438BCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results

Mô tả tương tự - ADG1438BCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com