công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1421BCPZ-REEL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG1421BCPZ-REEL7
Giải thích chi tiết về linh kiện  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1421BCPZ-REEL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG1421BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1421BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1421BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1421BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1421BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1421BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1421BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1421BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1421BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2.1 Ω On Resistance, ±15 V/+12 V/±5 V
iCMOS Dual SPST Switches
ADG1421/ADG1422/ADG1423
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
2.1 Ω on resistance
0.5 Ω maximum on resistance flatness
Up to 250 mA continuous current
Fully specified at +12 V, ±15 V, ±5 V
No VL supply required
3 V logic-compatible inputs
Rail-to-rail operation
10-lead MSOP and 10-lead, 3 mm × 3 mm LFCSP packages
APPLICATIONS
Automatic test equipment
Data acquisition systems
Relay replacements
Battery-powered systems
Sample-and-hold systems
Audio signal routing
Video signal routing
Communication systems
GENERAL DESCRIPTION
The ADG1421/ADG1422/ADG1423 contain two independent
single-pole/single-throw (SPST) switches. The ADG1421 and
ADG1422 differ only in that the digital control logic is inverted.
The ADG1421 switches are turned on with Logic 1 on the
appropriate control input, and Logic 0 is required for the
ADG1422. The ADG1423 has one switch with digital control
logic similar to that of the ADG1421; the logic is inverted on
the other switch. The ADG1423 exhibits break-before-make
switching action for use in multiplexer applications. Each
switch conducts equally well in both directions when on and
has an input signal range that extends to the supplies. In the
off condition, signal levels up to the supplies are blocked.
The iCMOS® (industrial CMOS) modular manufacturing process
combines high voltage, complementary metal-oxide semiconductor
(CMOS) and bipolar technologies. It enables the development
of a wide range of high performance analog ICs capable of 33 V
operation in a footprint that no other generation of high voltage
parts has achieved. Unlike analog ICs using conventional CMOS
processes, iCMOS components can tolerate high supply voltages
while providing increased performance, dramatically lower
power consumption, and reduced package size.
FUNCTIONAL BLOCK DIAGRAM
ADG1421
IN1
IN2
D2
S2
S1
D1
SWITCHES SHOWN FOR A LOGIC 0 INPUT
Figure 1. ADG1421 Functional Block Diagram
ADG1422
IN1
IN2
D2
S2
S1
D1
SWITCHES SHOWN FOR A LOGIC 0 INPUT
Figure 2. ADG1422 Functional Block Diagram
IN1
S1
D1
ADG1423
IN2
D2
S2
SWITCHES SHOWN FOR A LOGIC 0 INPUT
Figure 3. ADG1423 Functional Block Diagram
The on resistance profile is very flat over the full analog input
range ensuring excellent linearity and low distortion when
switching audio signals. The iCMOS construction ensures
ultralow power dissipation, making the part ideally suited for
portable and battery-powered instruments.
PRODUCT HIGHLIGHTS
1.
2.4 Ω maximum on resistance at 25°C.
2.
Minimum distortion.
3.
3 V logic-compatible digital inputs: VINH = 2.0 V, VINL = 0.8 V.
4.
No VL logic power supply required.
5.
10-lead MSOP and 10-lead, 3 mm × 3 mm LFCSP packages.


Số phần tương tự - ADG1421BCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BCPZ-REEL7 AD-ADG1401BCPZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ AD-ADG1401BRMZ Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ-REEL7 AD-ADG1401BRMZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1402 AD-ADG1402 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
More results

Mô tả tương tự - ADG1421BCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com