công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1421BRMZ-REEL7 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện ADG1421BRMZ-REEL7
Giải thích chi tiết về linh kiện  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1421BRMZ-REEL7 bảng dữ liệu(HTML) 2 Page - Analog Devices

  ADG1421BRMZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG1421/ADG1422/ADG1423
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
±15 V Dual Supply ....................................................................... 3
 
+12 V Single Supply ..................................................................... 4
 
±5 V Dual Supply ......................................................................... 5
 
Continuous Current per Channel, S or D..................................6
 
Absolute Maximum Ratings ............................................................7
 
Thermal Resistance .......................................................................7
 
ESD Caution...................................................................................7
 
Pin Configuration and Function Descriptions..............................8
 
Typical Performance Characteristics ..............................................9
 
Test Circuits..................................................................................... 12
 
Terminology .................................................................................... 14
 
Outline Dimensions ....................................................................... 15
 
Ordering Guide .......................................................................... 15
 
REVISION HISTORY
10/09—Revision 0: Initial Version


Số phần tương tự - ADG1421BRMZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BCPZ-REEL7 AD-ADG1401BCPZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ AD-ADG1401BRMZ Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ-REEL7 AD-ADG1401BRMZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1402 AD-ADG1402 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
More results

Mô tả tương tự - ADG1421BRMZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com