công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1419 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADG1419
Giải thích chi tiết về linh kiện  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1419 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADG1419 Datasheet HTML 4Page - Analog Devices ADG1419 Datasheet HTML 5Page - Analog Devices ADG1419 Datasheet HTML 6Page - Analog Devices ADG1419 Datasheet HTML 7Page - Analog Devices ADG1419 Datasheet HTML 8Page - Analog Devices ADG1419 Datasheet HTML 9Page - Analog Devices ADG1419 Datasheet HTML 10Page - Analog Devices ADG1419 Datasheet HTML 11Page - Analog Devices ADG1419 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG1419
Rev. 0 | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD TIED TO SUBSTRATE, VSS.
TOP VIEW
(Not to Scale)
ADG1419
3
GND
4
VDD
1
D
2
SA
6IN
5EN
8SB
7VSS
Figure 3. 8-Lead LFCSP Pin Configuration
D
1
SA 2
GND
3
VDD 4
SB
8
VSS
7
IN
6
NC
5
NC = NO CONNECT
ADG1419
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead MSOP Pin Configuration
Table 7. 8-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D
Drain Terminal. This pin can be an
input or output.
2
SA
Source Terminal. This pin can be an
input or output.
3
GND
Ground (0 V) Reference.
4
VDD
Most Positive Power Supply Potential.
5
EN
Active High Digital Input. When this
pin is low, the device is disabled and
all switches are turned off. When
this pin is high, the IN logic input
determines which switch is turned on.
6
IN
Logic Control Input.
7
VSS
Most Negative Power Supply Potential.
8
SB
Source Terminal. This pin can be an
input or output.
EPAD
Exposed pad tied to substrate, VSS.
Table 8. 8-Lead LFCSP Truth Table
EN
IN
Switch A
Switch B
0
X
Off
Off
1
0
On
Off
1
1
Off
On
Table 9. 8-Lead MSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D
Drain Terminal. This pin can be an
input or output.
2
SA
Source Terminal. This pin can be an
input or output.
3
GND
Ground (0 V) Reference.
4
VDD
Most Positive Power Supply Potential.
5
NC
No Connect.
6
IN
Logic Control Input.
7
VSS
Most Negative Power Supply Potential.
8
SB
Source Terminal. This pin can be an
input or output.
Table 10. 8-Lead MSOP Truth Table
IN
Switch A
Switch B
0
On
Off
1
Off
On


Số phần tương tự - ADG1419

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Mô tả tương tự - ADG1419

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1517 AD-ADG1517 Datasheet
195Kb / 12P
   1.6 廓 On Resistance, 15 V iCMOS SPST Switch
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com