công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1402BCPZ-REEL7 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADG1402BCPZ-REEL7
Giải thích chi tiết về linh kiện  1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1402BCPZ-REEL7 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADG1402BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1402BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1402BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1402BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1402BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1402BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1402BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1402BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1402BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG1401/ADG1402
Rev. 0 | Page 4 of 16
+12 V SINGLE SUPPLY
VDD = +12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
2
Ω typ
VS = 0 V to 10 V, IS = −10 mA; see Figure 20
2.4
2.9
3.2
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Flatness, RFLAT (ON)
0.6
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.68
0.8
0.85
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 21
±0.4
±3
±150
nA max
Drain Off Leakage, ID (Off )
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 21
±0.4
±3
±150
nA max
Channel On Leakage, ID, IS (On)
±0.2
nA typ
VS = VD = 1 V or 10 V; see Figure 22
±1
±3
±150
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS1
tON
180
ns typ
RL = 300 Ω, CL = 35 pF
235
295
335
ns max
VS = 8 V; see Figure 23
tOFF
140
ns typ
RL = 300 Ω, CL = 35 pF
185
215
260
ns max
VS = 8 V; see Figure 23
Charge Injection
57
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 24
Off Isolation
−58
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 25
−3 dB Bandwidth
82
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 26
Insertion Loss
0.15
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 26
CS (Off )
61
pF typ
f = 1 MHz, VS = 6 V
CD (Off )
68
pF typ
f = 1 MHz, VS = 6 V
CD, CS (On)
181
pF typ
f = 1 MHz, VS = 6 V
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
60
μA typ
Digital inputs = 5 V
95
μA max
VDD
5/16.5
V min/max
Ground = 0 V, VSS = 0 V
1 Guaranteed by design, not subject to production test.


Số phần tương tự - ADG1402BCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YCPZ-500RL7 AD-ADG1404YCPZ-500RL7 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YCPZ-REEL7 AD-ADG1404YCPZ-REEL7 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YRUZ AD-ADG1404YRUZ Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1404YRUZ-REEL AD-ADG1404YRUZ-REEL Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
More results

Mô tả tương tự - ADG1402BCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com