công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1414BRUZ-REEL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG1414BRUZ-REEL7
Giải thích chi tiết về linh kiện  9.5RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1414BRUZ-REEL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG1414BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
9.5 Ω RON ±15 V/+12 V/±5 V iCMOS
Serially-Controlled Octal SPST Switches
ADG1414
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalog Devices foritsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
SPI interface
Supports daisy-chain mode
9.5 Ω on resistance @ 25°C
1.6 Ω on-resistance flatness
Fully specified at ±15 V, +12 V, ±5 V
3 V logic-compatible inputs
Rail-to-rail operation
24-lead TSSOP and 24-lead 4 mm × 4 mm LFCSP
APPLICATIONS
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Audio signal routing
Video signal routing
Communication systems
FUNCTIONAL BLOCK DIAGRAM
D8
SDO
D7
D6
D5
D4
D3
D2
D1
S8
S7
S6
S5
S4
S3
S2
S1
INPUT SHIFT
REGISTER
SCLK
DIN
SYNC
RESET/VL
ADG1414
Figure 1.
GENERAL DESCRIPTION
The ADG1414 is a monolithic complementary metal-oxide
semiconductor (CMOS) device containing eight independently
selectable switches designed on an industrial CMOS (iCMOS®)
process. iCMOS is a modular manufacturing process combining
high voltage CMOS and bipolar technologies. iCMOS components
can tolerate high supply voltages while providing increased perfor-
mance, dramatically lower power consumption, and reduce the
package size.
The ADG1414 is a set of octal SPST (single-pole, single-throw)
switches controlled via a 3-wire serial interface. On resistance is
closely matched between switches and is very flat over the full
signal range. Each switch conducts equally well in both direc-
tions and the input signal range extends to the supplies.
Data is written to these devices in the form of eight bits; each
bit corresponds to one channel.
The ADG1414 utilizes a versatile 3-wire serial interface that
operates at clock rates of up to 50 MHz and is compatible with
standard SPI, QSPI™, MICROWIRE™, and DSP interface
standards. The output of the shift register, SDO, enables a
number of these parts to be daisy chained.
On power-up, all switches are in the off condition, and the
internal registers contain all zeros.
PRODUCT HIGHLIGHTS
1.
50 MHz serial interface.
2.
9.5 Ω on resistance.
3.
1.6 Ω on-resistance flatness.
4.
24-lead TSSOP and 4 mm × 4 mm LFCSP packages.


Số phần tương tự - ADG1414BRUZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Mô tả tương tự - ADG1414BRUZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
   SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com