công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1414 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADG1414
Giải thích chi tiết về linh kiện  9.5RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1414 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADG1414 Datasheet HTML 1Page - Analog Devices ADG1414 Datasheet HTML 2Page - Analog Devices ADG1414 Datasheet HTML 3Page - Analog Devices ADG1414 Datasheet HTML 4Page - Analog Devices ADG1414 Datasheet HTML 5Page - Analog Devices ADG1414 Datasheet HTML 6Page - Analog Devices ADG1414 Datasheet HTML 7Page - Analog Devices ADG1414 Datasheet HTML 8Page - Analog Devices ADG1414 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG1414
Rev. 0 | Page 4 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VL
1
μA max
IL Inactive
0.3
μA typ
Digital inputs = 0 V or VL
1
μA max
IL Active @ 30 MHz
0.26
mA typ
Digital inputs toggle between 0 V and VL
0.3
0.35
mA max
IL Active @ 50 MHz
0.42
mA typ
Digital inputs toggle between 0 V and VL
0.5
0.55
mA max
ISS
0.001
μA typ
Digital inputs = 0 V or VL
1
μA max
VDD/VSS
±4.5/±16.5
V min/max
1 Guaranteed by design, not subject to production test.
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, VL = 2.7 V to 5.5 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance (RON)
18
Ω typ
VDD = 10.8 V, VSS = 0 V; VS = 0 V to 10 V,
IS = −10 mA; see Figure 23
21.5
26
28.5
Ω max
On-Resistance Match Between
Channels (ΔRON)
0.55
Ω typ
VDD = 10.8 V, VSS = 0 V; VS = 0 V to 10 V,
IS = −10 mA
1.2
1.6
1.8
Ω max
On-Resistance Flatness (RFLAT(ON))
5
Ω typ
VDD = 10.8 V, VSS = 0 V; VS = 0 V to 10 V,
IS = −10 mA
6
6.9
7.3
Ω max
LEAKAGE CURRENTS
VDD = 10.8 V
Source Off Leakage, IS (Off )
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see
Figure 24
±0.15
±1
±2
nA max
Drain Off Leakage, ID (Off )
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see
Figure 24
±0.15
±1
±2
nA max
Channel On Leakage, ID, IS (On)
±0.05
nA typ
VS = VD = 1 V or 10 V; see Figure 25
±0.3
±2
±4
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
±0.001
μA typ
VIN = VGND or VL
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ


Số phần tương tự - ADG1414

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Mô tả tương tự - ADG1414

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
   SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com