công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SG32E1WTGR bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SG32E1WTGR
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SG32E1WTGR bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC9S08SG32E1WTGR Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08SG32E1WTGR Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08SG32E1WTGR Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08SG32E1WTGR Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08SG32E1WTGR Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08SG32E1WTGR Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08SG32E1WTGR Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08SG32E1WTGR Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08SG32E1WTGR Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 328 page
background image
MC9S08SG32 Data Sheet, Rev. 7
6
Freescale Semiconductor
Revision History
To provide the most up-to-date information, the revision of our documents on the World Wide Web will be
the most current. Your printed copy may be an earlier revision. To verify you have the latest information
available, refer to:
http://freescale.com/
The following revision history table summarizes changes contained in this document.
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
This product incorporates SuperFlash® Technology licensed from SST.
Revision
Number
Revision
Date
Description of Changes
1
6/2007
Updated the TPM module, incorporated minor revisions for the Tj, PTxSE slew
rate, FPROT and Appendix B packaging information. -SAMPLES DRAFT-
2
10/2007
Qualify Draft includes updates to TPM module and the Electricals appendix.
Also, revised the order numbering information.
3
5/2008
Updated some electricals and made some minor grammatical/formatting revi-
sions. Corrected the SPI block module version. Removed incorrect ADC temper-
ature sensor value from the Features section. Updated the package information
with a special mask set identifier.
4
5/2008
Added the EMC Radiated Emissions data. Removed the Susceptibility Data.
Updated the Corporate addresses on the back cover.
5
03/2009
Added the High Temperature Device Specifications and updated the charts.
6
04/2009
Updated ADC characteristics for Temp Sensor Slope to be a range of
25 C–150 C
, added Control Timing table row 2 to separate standard characteris-
tics from the AEC Grade 0 characteristics, and included the text, “AEC Grade 0”
to the text of footnote 3 for Table B-1 Device Numbering System. Added notes to
the ADC chapter specifying that, for this device, there are only 16 analog input
pins and consequently no APCTL3 register. Updated the Literature Request
information on the back cover.
7
10/2009
Revised Table A-6 DC Characteristics, Row 24 Bandgap Voltage Reference for
AEC Grade 0 from 1.21V to 1.22 V. Removed AEC Grade 0 (red diamond) from
the Table A-9 ICS Frequency Specifications, Row 9 Total deviation of trimmed
DCO output frequency over voltage and temperature so that it is not listed for
AEC Grade 0.


Số phần tương tự - MC9S08SG32E1WTGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08SG4 FREESCALE-MC9S08SG4 Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG4 FREESCALE-MC9S08SG4 Datasheet
3Mb / 316P
   Microcontrollers
logo
NXP Semiconductors
MC9S08SG4 NXP-MC9S08SG4 Datasheet
4Mb / 316P
   Microcontrollers
Rev. 8 1/2014
logo
Freescale Semiconductor...
MC9S08SG8 FREESCALE-MC9S08SG8 Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8 Datasheet
3Mb / 316P
   Microcontrollers
More results

Mô tả tương tự - MC9S08SG32E1WTGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com