công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4602 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện ADF4602
Giải thích chi tiết về linh kiện  Single-Chip, Multiband 3G Femtocell Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4602 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 6Page - Analog Devices ADF4602 Datasheet HTML 7Page - Analog Devices ADF4602 Datasheet HTML 8Page - Analog Devices ADF4602 Datasheet HTML 9Page - Analog Devices ADF4602 Datasheet HTML 10Page - Analog Devices ADF4602 Datasheet HTML 11Page - Analog Devices ADF4602 Datasheet HTML 12Page - Analog Devices ADF4602 Datasheet HTML 13Page - Analog Devices ADF4602 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADF4602
Rev. 0 | Page 10 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE CONNECTED TO GROUND
FOR CORRECT CHIP OPERATION. IT PROVIDES BOTH A
THERMAL AND ELECTRICAL CONNECTION TO THE PCB.
1
GPO3
2
VSUP1
3
VSUP3
4
RXLBRF
5
NC
6
RXHB2RF
7
RXHB1RF
8
RXBBI
9
RXBBIB
10
RXBBQ
23 TXBBQB
24 TXLBRF
25 TXRFGND
26 TXHBRF
27 TXRFGND
28 VSUP5
29 DAC2
30 DAC1
22 TXBBQ
21 VSUP4
ADF4602
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
GPO3
General Purpose Output 3. Digital output. This is used for external switch or PA control.
2
VSUP11
Output from LDO 1. Supply for receive VCO. Nominal value of 2.6 V. 100 nF decoupling to ground is required.
3
VSUP31
Output from LDO 3. Supply for receive LNA. Nominal value of 1.9 V. 100 nF decoupling to ground is required.
4
RXLBRF
Receive Low Band LNA Input.
5
NC
No Connect. Do not connect to this pin.
6
RXHB2RF
Receive Second High Band LNA Input. Should be used for Band 2.
7
RXHB1RF
Receive First High Band LNA Input. Should be used for Band 1.
8
RXBBI
Receive Baseband I Output.
9
RXBBIB
Complementary Receive Baseband I Output.
10
RXBBQ
Receive Baseband Q Output.
11
RXBBQB
Complementary Receive Baseband Q Output.
12
VSUP21
Output from LDO 2. Supply for receive downconverter and baseband. Nominal value of 2.8 V. 100 nF
decoupling to ground is required.
13
VINT
Serial Port Supply Input. 1.8 V should be applied to this pin.
14
SDATA
Serial Port Data Pin. This can be an input or output.
15
SCLK
Serial Clock Input.
16
SEN
Serial Port Enable Input.
17
NC
No Connect. Do not connect to this pin.
18
VSUP71
Transmit Synthesizer Supply Input. Connect to VSUP3 and decouple with 100 nF to ground.
19
TXBBI
Transmit Baseband I Input.
20
TXBBIB
Complementary TX Baseband I Input.
21
VSUP41
Output from LDO4. Supply for transmit VCO. Nominal value of 2.8 V. 100 nF decoupling to GND is required.
22
TXBBQ
Transmit Baseband Q Input.
23
TXBBQB
Complementary TX Baseband Q Input.
24
TXLBRF
Low Band Transmit RF Output. This can output in the range of 824 MHz to 960 MHz.
25
TXRFGND
Transmit RF Ground. Connect this pin to ground.
26
TXHBRF
High Band Transmit RF Output. This can output in the range of 1710 MHz to 2170 MHz.
27
TXRFGND
Transmit RF Ground. Connect this pin to ground.
28
VSUP51
Output from LDO 5. Supply for transmit modulator, baseband, power detector, and DACs. Nominal value of
2.8 V. 100 nF decoupling to ground is required.
29
DAC2
Output from DAC2.
30
DAC1
Output from DAC1.


Số phần tương tự - ADF4602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
ADF4001BCP AD-ADF4001BCP Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
ADF4001BCP AD-ADF4001BCP Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Mô tả tương tự - ADF4602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
HuaXinAn Electronics CO...
AK1589 HUAXINAN-AK1589 Datasheet
113Kb / 2P
   Femtocell LTE/W-CDMA RF Transceiver
logo
Asahi Kasei Microsystem...
AK1589 AKM-AK1589 Datasheet
113Kb / 2P
   Femtocell LTE/W-CDMA RF Transceiver
logo
HuaXinAn Electronics CO...
AK1587 HUAXINAN-AK1587 Datasheet
65Kb / 2P
   Femtocell LTE-A/LTE//WCDMA RF Transceiver
logo
Abracon Corporation
ACA-108-T ABRACON-ACA-108-T Datasheet
1Mb / 4P
   Multiband Chip Antenna
10.07.14
ACAJ-109-T ABRACON-ACAJ-109-T Datasheet
2Mb / 5P
   Multiband Chip Antenna
11.19.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com