công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4602 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADF4602
Giải thích chi tiết về linh kiện  Single-Chip, Multiband 3G Femtocell Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4602 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADF4602 Datasheet HTML 1Page - Analog Devices ADF4602 Datasheet HTML 2Page - Analog Devices ADF4602 Datasheet HTML 3Page - Analog Devices ADF4602 Datasheet HTML 4Page - Analog Devices ADF4602 Datasheet HTML 5Page - Analog Devices ADF4602 Datasheet HTML 6Page - Analog Devices ADF4602 Datasheet HTML 7Page - Analog Devices ADF4602 Datasheet HTML 8Page - Analog Devices ADF4602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADF4602
Rev. 0 | Page 4 of 36
SPECIFICATIONS
VDD = 3.1 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical specifications are at VDD = 3.3 V and TA = 25°C,
26 MHz reference input level = 0.7 V p-p.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
REFERENCE SECTION
Reference Input
Reference Input Frequency
26
MHz
Reference Input Amplitude
0.1
0.7
2.0
V p-p
Single-ended operation, dc-coupled1
REFCLK Output (26 MHz)
Output Load Capacitance
10
40
pF
Output Swing
1.5
V p-p
10 pF load
Output Slew Rate
200
V/μs
10 pF load
Output Duty Cycle Variation
2
%
Input duty cycle = 50%
CHIPCLK Output (19.2 MHz)
Output Load Capacitance
10
40
pF
Frequency Multiplication Ratio
48/65
48/65
N/A
Output Swing
1.5
V p-p
10 pF load
Output Duty Cycle Variation
2
%
Input duty cycle = 50%
Output Jitter
36
ps rms
Lock Time
50
μs
TRANSMIT SECTION
I/Q Input
Input Resistance
100
Single-ended
Input Capacitance
2
pF
Single-ended
Differential Peak Input Voltage
500
550
mV pd
Input Common-Mode Voltage
1.05
1.2
1.4
V
Baseband Filter 3 dB Bandwidth
4.0
MHz
TX Gain Control
Maximum Gain
5
dB
1 V p-p differential baseband input
Gain Control Range
60
dB
Gain Control Resolution
1/32
dB
Average of LSB steps
Gain Control Accuracy
1.0
dB
Any 1 dB step
10
dB
Any 10 dB step
Gain Settling Time
1
μs
POUT within 0.1 dB of final value
RF Specifications (High Band)
Carrier Frequency
1710
2170
MHz
Output Impedance
50
Ω
Output Power (POUT)
−8
dBm
TM1 signal 64 DPCH
Output Noise Spectral Density
−155
dBc/Hz
40 MHz offset
−161
dBc/Hz
80 MHz offset
−161
dBc/Hz
95 MHz offset
−163
dBc/Hz
190 MHz offset
Carrier Leakage
−35
dBc
POUT = −8 dBm
FDD EVM
5
%
POUT = −8 dBm
FDD ACLR
55
dB
±5 MHz, POUT = −8 dBm
70
dB
±10 MHz, POUT = −8 dBm


Số phần tương tự - ADF4602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
ADF4001BCP AD-ADF4001BCP Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
ADF4001BCP AD-ADF4001BCP Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Mô tả tương tự - ADF4602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
HuaXinAn Electronics CO...
AK1589 HUAXINAN-AK1589 Datasheet
113Kb / 2P
   Femtocell LTE/W-CDMA RF Transceiver
logo
Asahi Kasei Microsystem...
AK1589 AKM-AK1589 Datasheet
113Kb / 2P
   Femtocell LTE/W-CDMA RF Transceiver
logo
HuaXinAn Electronics CO...
AK1587 HUAXINAN-AK1587 Datasheet
65Kb / 2P
   Femtocell LTE-A/LTE//WCDMA RF Transceiver
logo
Abracon Corporation
ACA-108-T ABRACON-ACA-108-T Datasheet
1Mb / 4P
   Multiband Chip Antenna
10.07.14
ACAJ-109-T ABRACON-ACAJ-109-T Datasheet
2Mb / 5P
   Multiband Chip Antenna
11.19.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com