công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SV16 bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SV16
Giải thích chi tiết về linh kiện  8-Bit HCS08 Central Processor Unit (CPU)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SV16 bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08SV16 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08SV16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08SV16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08SV16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08SV16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08SV16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08SV16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08SV16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08SV16 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MC9S08SV16
Rev. 2, 7/2009
© Freescale Semiconductor, Inc., 2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MC9S08SV16
32-Pin SDIP
1376-02
32-Pin LQFP
873A-03
Features:
• 8-Bit HCS08 Central Processor Unit (CPU)
– Up to 40 MHz CPU at 2.7 V to 5.5 V across temperature
range of –40 °C to 85 °C
– HC08 instruction set with added BGND instruction
– Support for up to 32 interrupt/reset sources
•On-Chip Memory
– Up to 16 KB flash read/program/erase over full
operating voltage and temperature
– Up to 1024-byte random-access memory (RAM)
– Security circuitry to prevent unauthorized access to
RAM and flash contents
• Power-Saving Modes
– Two low power stop modes; reduced power wait mode
– Allows clocks to remain enabled to specific peripherals
in stop3 mode
• Clock Source Options
– Oscillator (XOSC) — Loop-control Pierce oscillator;
crystal or ceramic resonator range of 31.25 kHz to
39.0625 kHz or 1 MHz to 16 MHz
– Internal Clock Source (ICS) — Internal clock source
module containing a frequency-locked-loop (FLL)
controlled by internal or external reference; precision
trimming of internal reference allows 0.2% resolution
and 2% deviation over temperature and voltage;
supporting bus frequencies up to 20 MHz
• System Protection
– Watchdog computer operating properly (COP) reset
with option to run from dedicated 1 kHz internal clock
source or bus clock
– Low-voltage detection with reset or interrupt; selectable
trip points
– Illegal opcode detection with reset
– Illegal address detection with reset
– Flash block protection
• Development Support
– Single-wire background debug interface
– Breakpoint capability to allow single breakpoint setting
during in-circuit debugging (plus two more breakpoints)
– On-chip in-circuit emulator (ICE) debug module
containing two comparators and nine trigger modes
• Peripherals
– IPC — Interrupt priority controller to provide hardware
based nested interrupt mechanism
– ADC — 12-channel, 10-bit resolution; 2.5
μs
conversion time; automatic compare function;
1.7 mV/
°C temperature sensor; internal bandgap
reference channel; operation in stop; optional hardware
trigger; fully functional from 2.7 V to 5.5 V
– TPM — One 6-channel and one 2-channel
timer/pulse-width modulators (TPM) modules;
selectable input capture, output compare, or buffered
edge- or center-aligned PWM on each channel
– MTIM16 — One 16-bit modulo timer
– SCI — One serial communications interface module
with optional 13-bit break; LIN extensions
– SPI — One serial peripheral interface module in 8-bit
data length mode with a receiving data buffer hardware
match function
– IIC — Inter-integrated circuit bus module capable of
operation up to 100 kbps with maximum bus loading;
multi-master operation; programmable slave address;
interrupt-driven byte-by-byte data transfer; broadcast
mode; 10-bit addressing
– ACMP — Analog comparator with option to compare to
internal reference
– RTC — Real time counter
– KBI— 8-pin keyboard interrupt module with software
selectable polarity on edge or edge/level modes
• Input/Output
– 30 GPIOs including one output-only pin and one
input-only pin
• Package Options
– 32-pin SDIP
– 32-pin LQFP
Document Number: MC9S08SV16
Rev. 2, 7/2009
MC9S08SV16 Series
Covers: MC9S08SV16 and
MC9S08SV8


Số phần tương tự - MC9S08SV16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
More results

Mô tả tương tự - MC9S08SV16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com