công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08MP16E2VWL bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08MP16E2VWL
Giải thích chi tiết về linh kiện  8-Bit HCS08 Central Processor Unit (CPU)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08MP16E2VWL bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC9S08MP16E2VWL Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08MP16E2VWL Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08MP16E2VWL Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08MP16E2VWL Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08MP16E2VWL Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08MP16E2VWL Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08MP16E2VWL Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08MP16E2VWL Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08MP16E2VWL Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MC9S08MP16 Series Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
10
2.4
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package thermal resistance. Power
dissipation on I/O pins is usually small compared to the power dissipation in on-chip logic and voltage regulator circuits, and
it is user-determined rather than being controlled by the MCU design. To take PI/O into account in power calculations, determine
the difference between actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of
unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small.
The average chip-junction temperature (TJ) in °C can be obtained from:
TJ = TA + (PD × θJA)
Eqn. 1
where:
TA = Ambient temperature, °C
θJA = Package thermal resistance, junction-to-ambient, °C/W
PD = Pint + PI/O
Pint = IDD × VDD, Watts — chip internal power
PI/O = Power dissipation on input and output pins — user determined
For most applications, PI/O << Pint and can be neglected. An approximate relationship between PD and TJ (if PI/O is neglected)
is:
PD = K ÷ (TJ + 273°C)
Eqn. 2
Solving Equation 1 and Equation 2 for K gives:
K = PD × (TA + 273°C) + θJA × (PD)
2
Eqn. 3
Table 4. Thermal Characteristics
Num
C
Rating
Symbol
Consumer &
Industrial
Automotive
Unit
1
Operating temperature range (packaged)
TA
–40 to 105
–40 to 125
°C
2
D
Maximum junction temperature
TJ
115
135
°C
3
D
Thermal resistance 1,2
single-layer board
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Junction-to-ambient natural convection
48-pin LQFP
θ
JA
80
80
°C/W
32-pin LQFP
85
28-pin SOIC
71
4
D
Thermal resistance 1,2
four-layer board
48-pin LQFP
θ
JA
56
56
°C/W
32-pin LQFP
57
28-pin SOIC
48


Số phần tương tự - MC9S08MP16E2VWL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S08MP16E2VWL NXP-MC9S08MP16E2VWL Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
More results

Mô tả tương tự - MC9S08MP16E2VWL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com