công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QE32CFT bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QE32CFT
Giải thích chi tiết về linh kiện  8-Bit HCS08 Central Processor Unit (CPU)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE32CFT bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S08QE32CFT Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QE32CFT Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QE32CFT Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QE32CFT Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QE32CFT Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QE32CFT Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QE32CFT Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QE32CFT Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QE32CFT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MC9S08QE32 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
2
Revision History
To provide the most up-to-date information, the revision of our documents on the World Wide Web will
be the most current. Your printed copy may be an earlier revision. To verify you have the latest information
available, refer to:
http://freescale.com/
The following revision history table summarizes changes contained in this document.
Revision
Date
Description of Changes
1
7/2/2008
Initial public released.
2
10/7/2008
Updated the Stop2 and Stop3 mode supply current, and RIDD in FEI mode with all modules
on at 25.165 MHz in the Table 8 Supply Current Characteristics.
Replaced the stop mode adders section from Table 8 with an individual Table 9 Stop Mode
Adders with new specifications.
3
11/4/2008
Updated operating voltage in Table 7.
4
5/4/2009
Added 10
×10 mm information to 44 LQFP in the front page.
In Table 7, added |IOZTOT|.
In Table 11, updated typicals and Max. for
tIRST.
In Table 16, removed the Rev. Voltage High item.
Updated Table 17.
5
8/27/2009
Updated fint_t and fint_ut in the Table 11.
6
10/13/2009
Corrected the package size descriptions on the cover
Related Documentation
Find the most current versions of all documents at: http://www.freescale.com
Reference Manual
(MC9S08QE32RM)
Contains extensive product information including modes of operation, memory,
resets and interrupts, register definition, port pins, CPU, and all module
information.
1
MCU Block Diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Pin Assignments. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . 9
3.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.2
Parameter Classification . . . . . . . . . . . . . . . . . . . 9
3.3
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . 9
3.4
Thermal Characteristics. . . . . . . . . . . . . . . . . . . 10
3.5
ESD Protection and Latch-Up Immunity . . . . . . 12
3.6
DC Characteristics. . . . . . . . . . . . . . . . . . . . . . . 12
3.7
Supply Current Characteristics . . . . . . . . . . . . . 16
3.8
External Oscillator (XOSCVLP) Characteristics 18
3.9
Internal Clock Source (ICS) Characteristics . . . 19
3.10 AC Characteristics . . . . . . . . . . . . . . . . . . . . . . 20
3.10.1Control Timing. . . . . . . . . . . . . . . . . . . . . 20
3.10.2TPM Module Timing . . . . . . . . . . . . . . . . 21
3.10.3SPI Timing. . . . . . . . . . . . . . . . . . . . . . . . 22
3.11 Analog Comparator (ACMP) Electricals . . . . . . 26
3.12 ADC Characteristics . . . . . . . . . . . . . . . . . . . . . 26
3.13 Flash Specifications . . . . . . . . . . . . . . . . . . . . . 29
4
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . 30
5
Package Information . . . . . . . . . . . . . . . . . . . . . . . . . 30
5.1
Mechanical Drawings . . . . . . . . . . . . . . . . . . . . 30
Table of Contents


Số phần tương tự - MC9S08QE32CFT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QE32CFT FREESCALE-MC9S08QE32CFT Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QE32CFT FREESCALE-MC9S08QE32CFT Datasheet
240Kb / 2P
   MC9S08QE32/16 Taking the lead in low power
More results

Mô tả tương tự - MC9S08QE32CFT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com