công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08QE32CFT bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
MC9S08QE32CFT bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
10 / 46 page MC9S08QE32 Series MCU Data Sheet, Rev. 6 Electrical Characteristics Freescale Semiconductor 10 3.4 Thermal Characteristics This section provides information about operating temperature range, power dissipation, and package thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in on-chip logic and voltage regulator circuits, and it is user-determined rather than being controlled by the MCU design. To take PI/O into account in power calculations, determine the difference between actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small. Table 3. Absolute Maximum Ratings Rating Symbol Value Unit Supply voltage VDD –0.3 to +3.8 V Maximum current into VDD IDD 120 mA Digital input voltage VIn –0.3 to VDD +0.3 V Instantaneous maximum current Single pin limit (applies to all port pins)1, 2, 3 1 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate resistance values for positive (VDD) and negative (VSS) clamp voltages, then use the larger of the two resistance values. 2 All functional non-supply pins, except for PTA5 are internally clamped to V SS and VDD. 3 Power supply must maintain regulation within operating V DD range during instantaneous and operating maximum current conditions. If positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD and could result in external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum injection current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is present, or if the clock rate is very low (which would reduce overall power consumption). ID ±25 mA Storage temperature range Tstg –55 to 150 °C |
Số phần tương tự - MC9S08QE32CFT |
|
Mô tả tương tự - MC9S08QE32CFT |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |