công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QE32 bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QE32
Giải thích chi tiết về linh kiện  8-Bit HCS08 Central Processor Unit (CPU)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE32 bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08QE32 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QE32 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
An Energy Efficient Solution by Freescale
Document Number: MC9S08QE32
Rev. 6, 10/2009
© Freescale Semiconductor, Inc., 2008-2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MC9S08QE32
MC9S08QE32 Series
Covers: MC9S08QE32 and
MC9S08QE16
48-QFN
Case 1314
7 mm
× 7 mm
32-LQFP
Case 873A
7 mm
× 7 mm
44-LQFP
Case 824D
10 mm
× 10 mm
28-SOIC
Case 751F
Features
• 8-Bit HCS08 Central Processor Unit (CPU)
– Up to 50.33 MHz HCS08 CPU at 3.6 V to 2.4 V, 40 MHz CPU
at 2.4 V to 2.1 V and 20 MHz CPU at 2.1 V to 1.8 V across
temperature range of –40 °C to 85 °C
– HC08 instruction set with added BGND instruction
– Support for up to 32 interrupt/reset sources
•On-Chip Memory
– Flash read/program/erase over full operating voltage and
temperature
– Random-access memory (RAM)
– Security circuitry to prevent unauthorized access to RAM and
flash contents
• Power-Saving Modes
– Two very low power stop modes
– Reduced power wait mode
– Peripheral clock enable register can disable clocks to unused
modules, thereby reducing currents; allows clocks to remain
enabled to specific peripherals in stop3 mode.
– Very low power external oscillator that can be used in run,
wait, and stop modes to provide accurate clock source to real
time counter.
–6
μs typical wakeup time from stop3 mode
• Clock Source Options
– Oscillator (XOSCVLP) — Loop-control Pierce oscillator;
crystal or ceramic resonator range of 31.25 kHz to 38.4 kHz or
1 MHz to 16 MHz
– Internal clock source (ICS) — Internal clock source module
containing a frequency-locked-loop (FLL) controlled by
internal or external reference; precision trimming of internal
reference allows 0.2% resolution and 2% deviation over
temperature and voltage; supports CPU frequencies from
4 kHz to 50.33 MHz.
• System Protection
– Watchdog computer operating properly (COP) reset with
option to run from dedicated 1 kHz internal clock source or bus
clock.
– Low-voltage warning with interrupt.
– Low-voltage detection with reset or interrupt
– Selectable trip points.
– Illegal opcode detection with reset
– Illegal address detection with reset
– Flash block protection
• Development Support
– Single-wire background debug interface
– Breakpoint capability to allow single breakpoint setting during
in-circuit debugging (plus three breakpoints in on-chip debug
module)
– On-chip in-circuit emulator (ICE) debug module containing
three comparators and nine trigger modes. Eight deep FIFO for
storing change-of-flow addresses and event-only data. Debug
module supports both tag and force breakpoints
• Peripherals
– ADC — 10-channel, 12-bit resolution; 2.5
μs conversion time;
automatic compare function; 1.7 mV/
°C temperature sensor;
internal bandgap reference channel; operation in stop3; fully
functional from 3.6 V to 1.8 V
– ACMPx — Two analog comparators with selectable interrupt
on rising, falling, or either edge of comparator output; compare
option to fixed internal bandgap reference voltage; outputs can
be optionally routed to TPM module; operation in stop3
– SCIx — Two serial communications interface modules with
optional 13-bit break. Full duplex non-return to zero (NRZ);
LIN master extended break generation; LIN slave extended
break detection; wake on active edge.
– SPI— One serial peripheral interface; full-duplex or
single-wire bidirectional; double-buffered transmit and
receive; master or slave mode; MSB-first or LSB-first shifting
– IIC — One IIC; up to 100 kbps with maximum bus loading;
multi-master operation; programmable slave address; interrupt
driven byte-by-byte data transfer; supports broadcast mode
and 10-bit addressing
– TPMx — One 6-channel (TPM3) and two 3-channel (TPM1
and TPM2); selectable input capture, output compare, or
buffered edge- or center-aligned PWM on each channel;
– RTC — (Real-time counter) 8-bit modulus counter with
binary or decimal based prescaler; external clock source for
precise time base, time-of-day, calendar or task scheduling
functions; free running on-chip low power oscillator (1 kHz)
for cyclic wake-up without external components; runs in all
MCU modes
• Input/Output
– 40 GPIOs, including 1 output-only pin and 1 input-only pin
– 16 KBI interrupts with selectable polarity
– Hysteresis and configurable pull up device on all input pins;
Configurable slew rate and drive strength on all output pins.
• Package Options
– 48-pin QFN, 44-pin LQFP, 32-pin LQFP, 28-pin SOIC


Số phần tương tự - MC9S08QE32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08QE32 NXP-MC9S08QE32 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QE32 NXP-MC9S08QE32 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QE32 NXP-MC9S08QE32 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QE32 NXP-MC9S08QE32 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Mô tả tương tự - MC9S08QE32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com