công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-8001FFE bảng dữ liệu(PDF) 3 Page - Sanken electric

tên linh kiện SI-8001FFE
Giải thích chi tiết về linh kiện  DC-to-DC Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8001FFE bảng dữ liệu(HTML) 3 Page - Sanken electric

  SI-8001FFE Datasheet HTML 1Page - Sanken electric SI-8001FFE Datasheet HTML 2Page - Sanken electric SI-8001FFE Datasheet HTML 3Page - Sanken electric SI-8001FFE Datasheet HTML 4Page - Sanken electric SI-8001FFE Datasheet HTML 5Page - Sanken electric SI-8001FFE Datasheet HTML 6Page - Sanken electric SI-8001FFE Datasheet HTML 7Page - Sanken electric SI-8001FFE Datasheet HTML 8Page - Sanken electric SI-8001FFE Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SANKEN ELECTRIC CO., LTD.
DC-to-DC Step-Down Converter
SI-8001FFE
27469.057
SI-8000FFE
(a)
VO on/off
control only
(c)
VO on/off and
soft start control
(b)
Soft start
only
C3
SS
5
SI-8000FFE
SS
5
SI-8000FFE
SS
5
System
TTL
C3
System
TTL
Terminal List Table
Name
Number
Function
IN
1
Supply voltage
SW
2
Regulated supply output
GND
3
Ground terminal
ADJ
4
Terminal for resistor bridge feedback
SS
5
The SS terminal is used to enable soft start and to control on/off operation of the IC output,
VO (see figure 2). If neither soft start nor on/off control is used, leave pin open.
To enable soft start, connect a capacitor between SS and ground. To control on/off
operation, connect an NPN bipolar transistor, in a TTL open collector output configuration,
between the SS terminal and GND. Turn off is done by decreasing VSSL below its rated
level.
When both soft start and VO on/off are used, a protection measure such as current limiting
is required because, if the capacitance of C3 large, the discharge current of C3 flows
across the transistor for on/off operation. Because a pull-up type resistor is provided inside
the IC, no external voltage can be applied.
Pin-out Diagram
Figure 2. Alternative configurations for SS pin. If neither soft start nor VO on/off is required, the SS pin is left open.
ELECTRICAL CHARACTERISTICS1,
valid at TA = 25°C, VO = 5 V (adjusted), R1 = 4.2 kΩ, R1 = 0.8 kΩ
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Reference Voltage
VADJ
VIN = 15 V, IO = 0.2 A
0.784
0.800
0.816
V
Reference Voltage Temperature Coefficient
∆VADJ/∆TVIN = 15 V, IO = 0.2 A, TC = 0 to 100 °C
±0.1
mV/°C
Efficiency2
η
VIN = 15 V, IO = 2 A
83
%
Operating Frequency
fO
VIN = 15 V, IO = 2 A
270
300
330
kHz
Line Regulation
VLine
VIN = 10 to 30 V, IO = 2 A
80
mV
Load Regulation
VLoad
VIN = 15 V, IO = 0.2 to 3.5 A
50
mV
Overcurrent Protection Threshold Current
IS
VIN = 15 V
3.6
A
SS Terminal On/Off Operation Threshold Voltage
VSSL
0.5
V
SS Terminal On/Off Operation Outflow Current
ISSL
VSSL = 0 V
6
30
μA
Quiescent Current 1
Iq
VIN = 15 V, IO = 0 A
6
mA
Quiescent Current 2
Iq(off)
VIN = 15 V, VSS = 0 V
200
600
μA
1
Using circuit shown in Typical Application Circuit diagram.
2
Efficiency is calculated as: η(%) = ([VO × IO] × [VIN × IIN]) × 100.
12 3 4 5


Số phần tương tự - SI-8001FFE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
More results

Mô tả tương tự - SI-8001FFE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
   DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
   Step-Down DC to DC Converter
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com