công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH6001 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện MCH6001
Giải thích chi tiết về linh kiện  NPN Epitaxial Planar Silicon Composite Transistor High Frequency Low-Noise Amplifi er
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6001 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  MCH6001 Datasheet HTML 1Page - Sanyo Semicon Device MCH6001 Datasheet HTML 2Page - Sanyo Semicon Device MCH6001 Datasheet HTML 3Page - Sanyo Semicon Device MCH6001 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCH6001
No. A1601-1/4
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not
be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for applications outside the standard
applications of our customer who is considering such use and/or outside the scope of our intended standard
applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the
intended use, our customer shall be solely responsible for the use.
Features
Low-noise use : NF=1.2dB typ (f=1GHz).
High cut-off frequency : fT=16GHz typ (VCE=5V).
High gain : |S21e|
2=16dB typ (f=1GHz).
Composite type with 2 RF transistor MCH4020 in one package facilitating high-density mounting.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
15
V
Collector-to-Emitter Voltage
VCEO
8V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
150
mA
Collector Dissipation
PC
When mounted on glass epoxy substrate 1unit
400
mW
Total Dissipation
PT
When mounted on glass epoxy substrate
600
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=5V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
1.0
μA
DC Current Gain
hFE
VCE=5V, IC=50mA
60
150
Gain-Bandwidth Product
fT
VCE=5V, IC=50mA
13
16
GHz
Marking : GT
Continued on next page.
Note) Pay attention to handling since it is liable to be affected by static electricity due to the high-frequency process adopted.
Ordering number : ENA1601
N1809AB TK IM TC-00002075
SANYO Semiconductors
DATA SHEET
MCH6001 NPNEpitaxialPlanarSiliconCompositeTransistor
High Frequency Low-Noise Amplifier
www.semiconductor-sanyo.com/network


Số phần tương tự - MCH6001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MCH6001 ONSEMI-MCH6001 Datasheet
492Kb / 6P
   RF Transistor 8V, 150mA, fT=16GHz NPN Dual MCPH6
August, 2013
MCH6001-TL-E ONSEMI-MCH6001-TL-E Datasheet
492Kb / 6P
   RF Transistor 8V, 150mA, fT=16GHz NPN Dual MCPH6
August, 2013
More results

Mô tả tương tự - MCH6001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH4020 SANYO-MCH4020 Datasheet
276Kb / 9P
   NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifi er
CPH6020 SANYO-CPH6020 Datasheet
264Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
CPH6021 SANYO-CPH6021 Datasheet
370Kb / 10P
   PNP Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
15GN03CA SANYO-15GN03CA_12 Datasheet
394Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
15GN03MA SANYO-15GN03MA_12 Datasheet
411Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
FH102A SANYO-FH102A Datasheet
69Kb / 6P
   NPN Epitaxial Planar Silicon Composite Transistor High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A Datasheet
67Kb / 6P
   NPN Epitaxial Planar Silicon Composite Transistor High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com