công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZX55-C3V9 bảng dữ liệu(PDF) 2 Page - GOOD-ARK Electronics |
|
BZX55-C3V9 bảng dữ liệu(HTML) 2 Page - GOOD-ARK Electronics |
2 / 7 page 494 s c i t s i r e t c a r a h C l a c i r t c e l E (T A=25 oC unless otherwise noted) Maximum V F=1.0V at IF=100mA e p y T r e b m u n r o f C = y + % 5 r o f B = y + % 2 e c n a t s i s e r c i m a n y D r e n e z f o t n e i c i f f e o c . p m e T I t a e g a t l o v Z A m 5 = α αααα / % ( z v o ) C t n e r r u c e g a k a e l e s r e v e R e l b i s s i m d A r e n e z t n e r r u c ) 2 ( I M Z ) A m ( I t a Z A m 5 = z H k 1 = f r j z (Ω Ω Ω Ω Ω) I t a Z A m 1 = z H k 1 = f r j z (Ω Ω Ω Ω Ω). n i M. x a M t a T b m a 5 2 = oC I R (n ) A t a T b m a 0 5 1 = oC I R (u ) A t a V R ) s t l o V ( 8 V 0 y - 5 5 X Z B ) 3 ( 8 <0 0 6 <5 2 . 0 - ---- - 4 V 2 y - 5 5 X Z B5 8 <0 0 6 <8 0 . 0 -6 0 . 0 -0 0 0 0 5 <0 0 1 <1 5 4 1 7 V 2 y - 5 5 X Z B5 8 <0 0 6 <8 0 . 0 -6 0 . 0 -0 0 0 0 1 <0 5 <1 5 3 1 0 V 3 y - 5 5 X Z B5 8 <0 0 6 <8 0 . 0 -6 0 . 0 -0 0 0 4 <0 4 <1 5 2 1 3 V 3 y - 5 5 X Z B5 8 <0 0 6 <8 0 . 0 -5 0 . 0 -0 0 0 2 <0 4 <1 5 1 1 6 V 3 y - 5 5 X Z B5 8 <0 0 6 <8 0 . 0 -4 0 . 0 -0 0 0 2 <0 4 <1 5 0 1 9 V 3 y - 5 5 X Z B5 8 <0 0 6 <7 0 . 0 -3 0 . 0 -0 0 0 2 <0 4 <1 5 9 3 V 4 y - 5 5 X Z B5 7 <0 0 6 <4 0 . 0 -1 0 . 0 -0 0 0 1 <0 2 <1 0 9 7 V 4 y - 5 5 X Z B0 6 <0 0 6 <3 0 . 0 -1 0 . 0 +0 0 5 <0 1 <1 5 8 1 V 5 y - 5 5 X Z B5 3 <0 5 5 <2 0 . 0 -5 0 . 0 +0 0 1 <2 <1 0 8 6 V 5 y - 5 5 X Z B5 2 <0 5 4 <1 0 . 0 -6 0 . 0 +0 0 1 <2 <1 0 7 2 V 6 y - 5 5 X Z B0 1 <0 0 2 <0 7 0 . 0 +0 0 1 <2 <2 4 6 8 V 6 y - 5 5 X Z B8 <0 5 1 <1 0 . 0 +8 0 . 0 +0 0 1 <2 <3 8 5 5 V 7 y - 5 5 X Z B7 <0 5 <1 0 . 0 +9 0 . 0 +0 0 1 <2 <5 3 5 2 V 8 y - 5 5 X Z B7 <0 5 <1 0 . 0 +9 0 . 0 +0 0 1 <2 <2 . 67 4 1 V 9 y - 5 5 X Z B0 1 <0 5 <2 0 . 0 +0 1 . 0 +0 0 1 <2 <8 . 63 4 0 1 y - 5 5 X Z B5 1 <0 7 <3 0 . 0 +1 1 . 0 +0 0 1 <2 <5 . 70 4 1 1 y - 5 5 X Z B0 2 <0 7 <3 0 . 0 +1 1 . 0 +0 0 1 <2 <2 . 86 3 2 1 y - 5 5 X Z B0 2 <0 9 <3 0 . 0 +1 1 . 0 +0 0 1 <2 <1 . 92 3 3 1 y - 5 5 X Z B6 2 <0 1 1 <3 0 . 0 +1 1 . 0 +0 0 1 <2 <0 19 2 5 1 y - 5 5 X Z B0 3 <0 1 1 <3 0 . 0 +1 1 . 0 +0 0 1 <2 <1 17 2 6 1 y - 5 5 X Z B0 4 <0 7 1 <3 0 . 0 +1 1 . 0 +0 0 1 <2 <2 14 2 8 1 y - 5 5 X Z B0 5 <0 7 1 <3 0 . 0 +1 1 . 0 +0 0 1 <2 <3 11 2 0 2 y - 5 5 X Z B5 5 <0 2 2 <3 0 . 0 +1 1 . 0 +0 0 1 <2 <5 10 2 2 2 y - 5 5 X Z B5 5 <0 2 2 <3 0 . 0 +1 1 . 0 +0 0 1 <2 <6 18 1 4 2 y - 5 5 X Z B0 8 <0 2 2 <4 0 . 0 +2 1 . 0 +0 0 1 <2 <8 16 1 7 2 y - 5 5 X Z B0 8 <0 2 2 <4 0 . 0 +2 1 . 0 +0 0 1 <2 <0 24 1 0 3 y - 5 5 X Z B0 8 <0 2 2 <4 0 . 0 +2 1 . 0 +0 0 1 <2 <2 23 1 3 3 y - 5 5 X Z B0 8 <0 2 2 <4 0 . 0 +2 1 . 0 +0 0 1 <2 <4 22 1 6 3 y - 5 5 X Z B0 8 <0 2 2 <4 0 . 0 +2 1 . 0 +0 0 1 <2 <7 21 1 9 3 y - 5 5 X Z B0 9 < ) 4 ( 0 0 5 < ) 5 ( 4 0 . 0 +2 1 . 0 +0 0 1 <5 <0 30 1 3 4 y - 5 5 X Z B0 9 < ) 4 ( 0 0 6 < ) 5 ( 4 0 . 0 +2 1 . 0 +0 0 1 <5 <3 32 . 9 7 4 y - 5 5 X Z B0 1 1 < ) 4 ( 0 0 7 < ) 5 ( 4 0 . 0 +2 1 . 0 +0 0 1 <5 <6 35 . 8 1 5 y - 5 5 X Z B5 2 1 < ) 4 ( 0 0 7 < ) 5 ( 4 0 . 0 +2 1 . 0 +0 0 1 <0 1 <9 38 . 7 6 5 y - 5 5 X Z B5 3 1 < ) 4 ( 0 0 0 1 < ) 5 ( 1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <3 40 . 7 2 6 y - 5 5 X Z B0 5 1 < ) 4 ( 0 0 0 1 < ) 5 ( 1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <7 44 . 6 8 6 y - 5 5 X Z B0 0 2 < ) 4 ( 0 0 0 1 < ) 5 ( 1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <1 59 . 5 5 7 y - 5 5 X Z B0 5 2 < ) 4 ( 0 0 5 1 < ) 5 ( 1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <6 53 . 5 2 8 y - 5 5 X Z B0 0 3 < ) 4 ( 0 0 0 2 < ) 5 ( 1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <2 68 . 4 1 9 y - 5 5 X Z B0 5 4 < ) 6 ( 0 0 0 5 < ) 7 ( 1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <8 64 . 4 0 0 1 y - 5 5 X Z B0 5 4 < ) 6 ( 0 0 0 5 < ) 7 ( 1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <5 70 . 4 0 1 1 y - 5 5 X Z B0 0 6 <0 0 0 5 <1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <2 8- 0 2 1 y - 5 5 X Z B0 0 8 <0 0 5 5 <1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <1 9- 0 3 1 y - 5 5 X Z B0 5 9 <0 0 0 6 <1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <0 0 1- 0 5 1 y - 5 5 X Z B0 5 2 1 <0 0 5 6 <1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <0 1 1- 0 6 1 y - 5 5 X Z B0 0 4 1 <0 0 0 7 <1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <0 2 1- 0 8 1 y - 5 5 X Z B0 0 7 1 <0 0 5 8 <1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <0 3 1- 0 0 2 y - 5 5 X Z B0 0 0 2 <0 0 0 0 1 <1 . 0 + . p y t ) 4 ( 0 0 1 <0 1 <0 5 1- Notes: 1. Tested with pulses t p=5 ms 2. Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case 3. The BZX55 - C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode lead to the negative pole. 4. at I Z=2.5 mA 5. at I Z=0.5 mA 6. at I Z=1.0 mA 7. at I Z=0.1 mA |
Số phần tương tự - BZX55-C3V9 |
|
Mô tả tương tự - BZX55-C3V9 |