công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC-4516CD64PS-A10B bảng dữ liệu(PDF) 1 Page - Elpida Memory |
|
MC-4516CD64PS-A10B bảng dữ liệu(HTML) 1 Page - Elpida Memory |
1 / 16 page The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for availability and additional information. MOS INTEGRATED CIRCUIT MC-4516CD64ES, 4516CD64PS 16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM) Document No. E0065N10 (1st edition) (Previous No. M13612EJ5V0DS00) Date Published January 2001 CP (K) Printed in Japan DATA SHEET Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd. Description The MC-4516CD64ES and MC-4516CD64PS are 16,777,216 words by 64 bits synchronous dynamic RAM module (Small Outline DIMM) on which 8 pieces of 128 M SDRAM: µPD45128163 are assembled. These modules provide high density and large quantities of memory in a small space without utilizing the surface- mounting technology on the printed circuit board. Decoupling capacitors are mounted on power supply line for noise reduction. Features • 16,777,216 words by 64 bits organization • Clock frequency and access time from CLK Part number /CAS latency Clock frequency (MAX.) Access time from CLK (MAX.) MC-4516CD64ES-A10B CL = 3 100 MHz 7 ns CL = 2 67 MHz 8 ns MC-4516CD64PS-A10B CL = 3 100 MHz 7 ns CL = 2 67 MHz 8 ns • Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge • Pulsed interface • Possible to assert random column address in every cycle • Quad internal banks controlled by BA0, BA1 (Bank Select) • Programmable burst-length (1, 2, 4, 8 and Full Page) • Programmable wrap sequence (Sequential / Interleave) • Programmable /CAS latency (2, 3) • Automatic precharge and controlled precharge • CBR (Auto) refresh and self refresh • Single 3.3V ± 0.3V power supply • LVTTL compatible • 4,096 refresh cycles/64 ms • Burst termination by Burst Stop command and Precharge command • 144-pin small outline dual in-line memory module (Pin pitch = 0.8 mm) • Unbuffered type • Serial PD This product became EOL in September, 2002. |
Số phần tương tự - MC-4516CD64PS-A10B |
|
Mô tả tương tự - MC-4516CD64PS-A10B |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |