công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-4R256CPE6C bảng dữ liệu(PDF) 11 Page - Elpida Memory

tên linh kiện MC-4R256CPE6C
Giải thích chi tiết về linh kiện  Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELPIDA [Elpida Memory]
Trang chủ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R256CPE6C bảng dữ liệu(HTML) 11 Page - Elpida Memory

Back Button MC-4R256CPE6C Datasheet HTML 7Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 8Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 9Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 10Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 11Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 12Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 13Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 14Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Data Sheet E0043N11
11
MC-4R256CPE6C
Timing Parameters
The following timing parameters are from the RDRAMs pins, not the RIMM. Please refer to the RDRAM data sheet
(
µPD488448) for detailed timing diagrams.
Para-
Description
MIN.
MAX.
Units
meter
-845
-745
-653
tRC
Row Cycle time of RDRAM banks - the interval between ROWA packets with
ACT commands to the same bank.
28
28
28
tCYCLE
tRAS
RAS-asserted time of RDRAM bank - the interval between ROWA packet with ACT
command and next ROWR packet with PRER
Note 1 command to the same bank.
20
20
20
Note 2
64
µs
tCYCLE
tRP
Row Precharge time of RDRAM banks - the interval between ROWR packet with
PRER
Note 1 command and next ROWA packet with ACT command to the same
bank.
8
8
8
tCYCLE
tPP
Precharge-to-precharge time of RDRAM device - the interval between
successive ROWR packets with PRER
Note 1 commands to any banks of the
same device.
8
8
8
tCYCLE
tRR
RAS-to-RAS time of RDRAM device - the interval between successive ROWA
packets with ACT commands to any banks of the same device.
8
8
8
tCYCLE
tRCD
RAS-to-CAS Delay - the interval from ROWA packet with ACT command to
COLC packet with RD or WR command. Note - the RAS-to-CAS delay seen
by the RDRAM core (tRCD-C) is equal to tRCD-C = 1 + tRCD because of differences in
the row and column paths through the RDRAM interface.
9
7
7
tCYCLE
tCAC
CAS Access delay - the interval from RD command to Q read data. The
equation for tCAC is given in the TPARM register.
8
8
8
12
tCYCLE
tCWD
CAS Write Delay - interval from WR command to D write data.
6
6
6
6
tCYCLE
tCC
CAS-to-CAS time of RDRAM bank - the interval between successive COLC
commands.
4
4
4
tCYCLE
tPACKET
Length of ROWA, ROWR, COLC, COLM or COLX packet.
4
4
4
4
tCYCLE
tRTR
Interval from COLC packet with WR command to COLC packet which causes
retire, and to COLM packet with bytemask.
8
8
8
tCYCLE
tOFFP
The interval (offset) from COLC packet with RDA command, or from COLC
packet with retire command (after WRA automatic precharge), or from COLC
packet with PREC command, or from COLX packet with PREX command to
the equivalent ROWR packet with PRER. The equation for tOFFP is given in the
TPARM register.
4
4
4
4
tCYCLE
tRDP
Interval from last COLC packet with RD command to ROWR packet with
PRER.
4
4
4
tCYCLE
tRTP
Interval from last COLC packet with automatic retire command to ROWR
packet with PRER.
4
4
4
tCYCLE
Notes 1. Or equivalent PREC or PREX command.
2. This is a constraint imposed by the core, and is therefore in units of ms rather than tCYCLE.


Số phần tương tự - MC-4R256CPE6C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
MC-4R256CPE6C-653 NEC-MC-4R256CPE6C-653 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
MC-4R256CPE6C-745 NEC-MC-4R256CPE6C-745 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
MC-4R256CPE6C-845 NEC-MC-4R256CPE6C-845 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
More results

Mô tả tương tự - MC-4R256CPE6C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Elpida Memory
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CEE6B NEC-MC-4R256CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE6D ELPIDA-MC-4R256FKE6D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8D-840 ELPIDA-MC-4R256FKE8D-840 Datasheet
128Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S-840 ELPIDA-MC-4R256FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S ELPIDA-MC-4R256FKE8S Datasheet
126Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com