công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-45V16AB642KF-A75 bảng dữ liệu(PDF) 9 Page - Elpida Memory

tên linh kiện MC-45V16AB642KF-A75
Giải thích chi tiết về linh kiện  16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELPIDA [Elpida Memory]
Trang chủ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45V16AB642KF-A75 bảng dữ liệu(HTML) 9 Page - Elpida Memory

Back Button MC-45V16AB642KF-A75 Datasheet HTML 5Page - Elpida Memory MC-45V16AB642KF-A75 Datasheet HTML 6Page - Elpida Memory MC-45V16AB642KF-A75 Datasheet HTML 7Page - Elpida Memory MC-45V16AB642KF-A75 Datasheet HTML 8Page - Elpida Memory MC-45V16AB642KF-A75 Datasheet HTML 9Page - Elpida Memory MC-45V16AB642KF-A75 Datasheet HTML 10Page - Elpida Memory MC-45V16AB642KF-A75 Datasheet HTML 11Page - Elpida Memory MC-45V16AB642KF-A75 Datasheet HTML 12Page - Elpida Memory MC-45V16AB642KF-A75 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
'DWD 6KHHW E0027N10
9
MC-45V16AB642
AC characteristics (Background to Background operation)
Parameter
Symbol
-A75
Unit
Notes
MIN.
MAX.
6DPH %DQN 2SHUDWLRQ
ACT to ACT / REF Command period
tRC
67.5
ns
REF to REF / ACT Command period
tRCF
67.5
ns
ACT to PRE Command period
tRAS
52.5
120,000
ns
PRE to ACT / REF Command period
tRP
20
ns
ACT to PFC / PFCA Command delay time
tAPD
15
ns
ACT to PFR Command delay time (Prefetch Read Operation)
tAPRD
15
ns
PFC to PRE Command delay time
tPPL
22.5
ns
PFCA / PFR to ACT / REF Command delay time
tPAL
45
ns
RST / RSTA to ACT(R)
Note1 Command delay time
tRAD
7.5
30
ns
2
6DPH 2WKHU %DQN 2SHUDWLRQ
ACT(R)
Note1 to PFC / PFCA / PFR Command delay time
tRPD
37.5
ns
PFC to PFC / PFCA Command delay time
tPPD
22.5
ns
2WKHU%DQN 2SHUDWLRQ
ACT to ACT / ACT(R) or ACT(R) to ACT Command delay time
tRRD
15
ns
ACT(R) to ACT(R) Command delay time
tRRDR
30
ns
PFC / PFCA to RST / RSTA Command delay time
tPRD
22.5
ns
Notes 1. ACT (R) command is ACT command after RST command.
2. The another background operation and same channel foreground operation are illegal while tRAD period.


Số phần tương tự - MC-45V16AB642KF-A75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A10 NEC-MC-45V16AD641EF-A10 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A75 NEC-MC-45V16AD641EF-A75 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641KF-A10 NEC-MC-45V16AD641KF-A10 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641KF-A75 NEC-MC-45V16AD641KF-A75 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Mô tả tương tự - MC-45V16AB642KF-A75

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V8AB641 NEC-MC-45V8AB641 Datasheet
144Kb / 6P
   8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com