công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-4516CD642XS-A75L bảng dữ liệu(PDF) 6 Page - Elpida Memory

tên linh kiện MC-4516CD642XS-A75L
Giải thích chi tiết về linh kiện  16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELPIDA [Elpida Memory]
Trang chủ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CD642XS-A75L bảng dữ liệu(HTML) 6 Page - Elpida Memory

Back Button MC-4516CD642XS-A75L Datasheet HTML 2Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 3Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 4Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 5Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 6Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 7Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 8Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 9Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet E0116N20
6
MC-4516CD642XS
DC Characteristics (Recommended Operating Conditions unless otherwise noted)
Parameter
Symbol
Test condition
MIN.
MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1, tRC
≥ tRC (MIN.)
/CAS latency = 2
560
mA
1
/CAS latency = 3
580
Precharge standby current in
ICC2P
CKE
≤ VIL (MAX.), tCK = 15 ns
8
mA
power down mode
ICC2PS
CKE
≤ VIL (MAX.), tCK = ∞
8
Precharge standby current in
ICC2N
CKE
≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.),
160
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC2NS
CKE
≥ VIH (MIN.), tCK = ∞, Input signals are stable.
64
Active standby current in
ICC3P
CKE
≤ VIL (MAX.), tCK = 15 ns
40
mA
power down mode
ICC3PS
CKE
≤ VIL (MAX.), tCK = ∞
32
Active standby current in
ICC3N
CKE
≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.),
240
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS
CKE
≥ VIH (MIN.), tCK = ∞, Input signals are stable.
160
Operating current
ICC4
tCK
≥ tCK (MIN.), IO = 0 mA
/CAS latency = 2
700
mA
2
(Burst mode)
/CAS latency = 3
860
CBR (Auto) refresh current
ICC5
tRC
≥ tRC (MIN.)
/CAS latency = 2
1,040
mA
3
/CAS latency = 3
1,080
Self refresh current
ICC6
CKE
≤ 0.2 V
-**
16
mA
-**L
6.4
mA
Input leakage current
II(L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
– 8
+8
µA
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to 3.6 V
–3
+3
µA
High level output voltage
VOH
IO = –4.0 mA
2.4
V
Low level output voltage
VOL
IO = +4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).


Số phần tương tự - MC-4516CD642XS-A75L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES-A10 NEC-MC-4516CD641ES-A10 Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES-A10 ELPIDA-MC-4516CD641ES-A10 Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES-A80 NEC-MC-4516CD641ES-A80 Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results

Mô tả tương tự - MC-4516CD642XS-A75L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45V16AD642KS ELPIDA-MC-45V16AD642KS Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB642XS ELPIDA-MC-458CB642XS Datasheet
135Kb / 14P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CB64ES NEC-MC-4516CB64ES Datasheet
129Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com