công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMBCM104LH bảng dữ liệu(PDF) 1 Page - Zowie Technology Corporation

tên linh kiện SMBCM104LH
Giải thích chi tiết về linh kiện  Low VF Schottky Bridge Rectifier Preliminary
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZOWIE [Zowie Technology Corporation]
Trang chủ  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SMBCM104LH bảng dữ liệu(HTML) 1 Page - Zowie Technology Corporation

  SMBCM104LH Datasheet HTML 1Page - Zowie Technology Corporation SMBCM104LH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(40V / 1A)
Preliminary
SMBCM104LH
Low VF Schottky Bridge Rectifier
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
SMBCM104LH
40
V
IF(AV)
A
IFSM
A
30
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Rating
1.0
Repetitive peak reverse voltage
Low VF Schottky Bridge Rectifier
* Halogen-free type
* Lead free product, compliance to RoHS
* Lead less chip form, no lead damage
* Lead-free solder joint, no wire bond & lead frame
* Low power loss, High efficiency
* High current capability
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Suitable for battery - powered circuits
* Communication Equipment
APPLICATION
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
MECHANICAL DATA
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Min.
Type
Typ.
Max.
Unit
-
110
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
15
-
Rth(JL)
Junction to lead (NOTE)
pF
-
115
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
mA
-
0.35
1.00
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
2009/05
REV. 0
NOTES :
Thermal resistance, junction to ambient, measured on PC board with 5.0mm
2 (0.03mm thick) land areas.
Unit : mm
Case : MBCM
OUTLINE DIMENSIONS
Tj,TSTG
-55 to +125
Operating storage temperature Range
oC
VF
IF = 0.5A
V
-
0.37
0.40
Forward voltage
SMBCM104LH
MARKING
1.40 ± 0.05
0.70 ± 0.05
3.00 ± 0.10
+
-
104L
.
+
-
10 = Amps class (1.0A)
4 = Voltage class (40V)
L = Low VF
= Halogen-free type


Số phần tương tự - SMBCM104LH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Major League Electronic...
SMBC-1-DH MAJOR-LEAGUE-SMBC-1-DH Datasheet
1Mb / 2P
   Surface Mount Box Contact - Horizontal
SMBC-1-SH MAJOR-LEAGUE-SMBC-1-SH Datasheet
256Kb / 1P
   .100 cl Single Row Surface Mount Box Contact - Horizontal
SMBC-1-SM MAJOR-LEAGUE-SMBC-1-SM Datasheet
267Kb / 1P
   .100 cl Single Row Surface Mount Box Contact - Vertical
SMBC-1-SS MAJOR-LEAGUE-SMBC-1-SS Datasheet
267Kb / 1P
   .100 cl Single Row Surface Mount Box Contact - Vertical
SMBC-2-DH MAJOR-LEAGUE-SMBC-2-DH Datasheet
129Kb / 2P
   Surface Mount Box Contact
More results

Mô tả tương tự - SMBCM104LH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FutureWafer Tech Co.,Lt...
MBS240SU FUTUREWAFER-MBS240SU Datasheet
868Kb / 5P
   Low VF Schottky Bridge Rectifier
logo
Zowie Technology Corpor...
SMBC104LH ZOWIE-SMBC104LH Datasheet
59Kb / 2P
   Low VF Schottky Bridge Rectifier
SMBC204LH ZOWIE-SMBC204LH Datasheet
54Kb / 2P
   Low VF Schottky Bridge Rectifier
SMBC104H ZOWIE-SMBC104H Datasheet
50Kb / 2P
   Schottky Bridge Rectifier Preliminary
SMBC204H ZOWIE-SMBC204H Datasheet
49Kb / 2P
   Schottky Bridge Rectifier Preliminary
logo
Formosa MS
MDS12L FORMOSA-MDS12L Datasheet
57Kb / 7P
   SMD Low VF Schottky Bridge Rectifier
logo
First Silicon Co., Ltd
MBL22S FS-MBL22S Datasheet
261Kb / 2P
   Surface Mount Low VF Schottky Bridge Rectifier
logo
Zowie Technology Corpor...
GBL04LS ZOWIE-GBL04LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBU1002LC ZOWIE-GBU1002LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBL10LS ZOWIE-GBL10LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com