công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAT85 bảng dữ liệu(PDF) 1 Page - Shanghai Lunsure Electronic Tech

tên linh kiện BAT85
Giải thích chi tiết về linh kiện  SMALL SIGNAL SCHOTTKY DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHENYI [Shanghai Lunsure Electronic Tech]
Trang chủ  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BAT85 bảng dữ liệu(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  BAT85 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAT85
SMALL SIGNAL
SCHOTTKY
DIODES
Features
·
For general purpose applications
·
These diodes features very low turn-on voltage and fast switching.
These devices are protected by a PN junction guard ring against
excessive voltage,such as electrostatic discharges.
·
This diode is also available in the Mini-MELF case with type
designation LL85.
MECHANICAL DATA
·
Case: Do-35 glass case
·
Polarity: Color band denotes cathode end
·
Weight: Approx. 0.13 gram
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS

Dimensions in inches and (millimeters)









Symbols
Value
Units
Repetitive Peak Reverse Voltage
VR
30
V
Forward Continuous Current at T =25
0C
IF
200
mA
Repetitive Peak Forward Current at t<1s, ä< 0.5,T=25
0C
IFM
300
mA
Surge forward current at tp<10mS , T=25
0C
IFSM
600
mA
Power Dissipation
at T=65
0C
Ptot
200
mW
Junction temperature
TJ
125
0
C
Ambient Operating temperature Range
TA
-55~+125
0
C
Storage Temperature Range
TSTG
-55~+150
0
C
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Reverse breakdown voltage Tested with 100 A pulses
µ
Leakage current V =25V
R
Forward voltage
Pulse Test
at
t
300 s,
2%
I=0.1mA,
at I =1mA,
at I =10mA,
at I =30mA,
at I =100mA
p
F
F
F
F
F
µδ
30
2
5
0.50
10
0.8
0.4
0.32
0.24
Thermal resistance junction to ambient Air
Junction Capacitance at V =1V ,f=1MHz
R
Reverse recovery time Form I =10mA,I =10mA,I =1mA
FR
R
V R)R
(B
V
V
V
V
V
V
µA
pF
K/W
ns
VF
VF
VF
VF
VF
IR
CJ
trr
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature(DO-35)
300 
R JA
θ
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
www.cnelectr.com


Số phần tương tự - BAT85

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BAT85 PHILIPS-BAT85 Datasheet
30Kb / 6P
   Schottky barrier diode
1996 Mar 20
logo
Shenzhen Luguang Electr...
BAT85 LUGUANG-BAT85 Datasheet
146Kb / 2P
   Small Signal Schottky Diodes
logo
SAMYANG ELECTRONICS CO....
BAT85 SAMYANG-BAT85 Datasheet
416Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
logo
General Semiconductor
BAT85 GE-BAT85 Datasheet
41Kb / 2P
   Schottky Diodes
logo
NXP Semiconductors
BAT85 NXP-BAT85 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
More results

Mô tả tương tự - BAT85

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com