công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-45D16DA721KFA-C80 bảng dữ liệu(PDF) 10 Page - Elpida Memory

tên linh kiện MC-45D16DA721KFA-C80
Giải thích chi tiết về linh kiện  16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELPIDA [Elpida Memory]
Trang chủ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D16DA721KFA-C80 bảng dữ liệu(HTML) 10 Page - Elpida Memory

Back Button MC-45D16DA721KFA-C80 Datasheet HTML 6Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 7Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 8Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 9Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 10Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 11Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 12Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 13Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary Data Sheet E0038N10
10
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written into
serial PD memory
80H
1
0
0
0
0
0
0
0
128 bytes
1
Total number of bytes of serial PD memory
08H
0
0
0
0
1
0
0
0
256 bytes
2
Fundamental memory type
07H
0
0
0
0
0
1
1
1
DDR SDRAM
3
Number of rows
0CH
0
0
0
0
1
1
0
0
12 rows
4
Number of columns
0AH
0
0
0
0
1
0
1
0
10 columns
5
Number of banks
01H
0
0
0
0
0
0
0
1
1 bank
6
Data width
48H
0
1
0
0
1
0
0
0
72 bits
7
Data width (continued)
00H
0
0
0
0
0
0
0
0
0
8
Voltage interface
04H
0
0
0
0
0
1
0
0
SSTL_2
9
CL = 2.5 Cycle time
-C75
75H
0
1
1
1
0
1
0
1
7.5 ns
-C80
80H
1
0
0
0
0
0
0
0
8 ns
10
CL = 2.5 Access time
-C75
75H
0
1
1
1
0
1
0
1
0.75 ns
-C80
80H
1
0
0
0
0
0
0
0
0.8 ns
11
DIMM configuration type
02H
0
0
0
0
0
0
1
0
ECC
12
Refresh rate/type
80H
1
0
0
0
0
0
0
0
Normal
13
SDRAM width
08H
0
0
0
0
1
0
0
0
x8
14
Error checking SDRAM width
08H
0
0
0
0
1
0
0
0
x8
15
Minimum clock delay
01H
0
0
0
0
0
0
0
1
1 clock
16
Burst length supported
0EH
0
0
0
0
1
1
1
0
2, 4, 8
17
Number of banks on each SDRAM
04H
0
0
0
0
0
1
0
0
4 banks
18
/CAS latency supported
0CH
0
0
0
0
1
1
0
0
2, 2.5
19
/CS latency supported
01H
0
0
0
0
0
0
0
1
0
20
/WE latency supported
02H
0
0
0
0
0
0
1
0
1
21
SDRAM module attributes
26H
0
0
1
0
0
1
1
0
Reg.+PLLdifclk
22
SDRAM device attributes : General
00H
0
0
0
0
0
0
0
0
VDD
± 0.2 V
23
CL = 2 Cycle time
-C75
A0H
1
0
1
0
0
0
0
0
10 ns
-C80
A0H
1
0
1
0
0
0
0
0
10 ns
24
CL = 2 Access time
-C75
75H
0
1
1
1
0
1
0
1
0.75 ns
-C80
80H
1
0
0
0
0
0
0
0
0.8 ns
25-26
27
tRP(MIN.)
-C75
50H
0
1
0
1
0
0
0
0
20 ns
-C80
50H
0
1
0
1
0
0
0
0
20 ns
28
tRRD(MIN.)
-C75
3CH
0
0
1
1
1
1
0
0
15 ns
-C80
3CH
0
0
1
1
1
1
0
0
15 ns
29
tRCD(MIN.)
-C75
50H
0
1
0
1
0
0
0
0
20 ns
-C80
50H
0
1
0
1
0
0
0
0
20 ns
30
tRAS(MIN.)
-C75
2DH
0
0
1
0
1
1
0
1
45 ns
-C80
32H
0
0
1
1
0
0
1
0
50 ns
31
Module bank density
20H
0
0
1
0
0
0
0
0
128M bytes


Số phần tương tự - MC-45D16DA721KFA-C80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C75 NEC-MC-45D16CA721KF-C75 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721KF-C75 ELPIDA-MC-45D16CA721KF-C75 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C80 NEC-MC-45D16CA721KF-C80 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Mô tả tương tự - MC-45D16DA721KFA-C80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com