công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC-45D32DC721KFA-C75 bảng dữ liệu(PDF) 7 Page - Elpida Memory |
|
MC-45D32DC721KFA-C75 bảng dữ liệu(HTML) 7 Page - Elpida Memory |
7 / 16 page Preliminary Data Sheet E0036N10 7 AC Characteristics (Recommended Operating Conditions unless otherwise noted) Test Conditions Parameter Symbol Value Unit Notes Input Reference voltage (Input timing measurement reference level) VREF VDDQ x 0.5 V Termination voltage (Output timing measurement reference level) VTT VREF V 1 High level ac input voltage VIH(ac) VREF + 0.31 V Low level ac input voltage VIL(ac) VREF − 0.31 V Input differential voltage (CK0 and /CK0) VID(ac) 0.7 V Input signal slew rate SLEW 1 V/ns 2 Notes 1. Output waveform timing is measured where the output signal crosses through the VTT level. 2. Slew rate is to be maintained in the VIL (ac) to VIH(ac) range of the input signal swing. SLEW = (VIH(ac)- VIL(ac))/ ∆t Output RT = 50 Ω CLOAD = 30 pF VTT |
Số phần tương tự - MC-45D32DC721KFA-C75 |
|
Mô tả tương tự - MC-45D32DC721KFA-C75 |