công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-45D32DC721KF-C80 bảng dữ liệu(PDF) 3 Page - Elpida Memory

tên linh kiện MC-45D32DC721KF-C80
Giải thích chi tiết về linh kiện  32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELPIDA [Elpida Memory]
Trang chủ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D32DC721KF-C80 bảng dữ liệu(HTML) 3 Page - Elpida Memory

  MC-45D32DC721KF-C80 Datasheet HTML 1Page - Elpida Memory MC-45D32DC721KF-C80 Datasheet HTML 2Page - Elpida Memory MC-45D32DC721KF-C80 Datasheet HTML 3Page - Elpida Memory MC-45D32DC721KF-C80 Datasheet HTML 4Page - Elpida Memory MC-45D32DC721KF-C80 Datasheet HTML 5Page - Elpida Memory MC-45D32DC721KF-C80 Datasheet HTML 6Page - Elpida Memory MC-45D32DC721KF-C80 Datasheet HTML 7Page - Elpida Memory MC-45D32DC721KF-C80 Datasheet HTML 8Page - Elpida Memory MC-45D32DC721KF-C80 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Data Sheet E0036N10
3
Pin Configuration
184-pin Dual In-line Memory Module Socket Type (Edge connector: Gold plated)
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
VSS
DQ36
DQ37
VDD
DM4/DQS13
DQ38
DQ39
VSS
DQ44
/RAS
DQ45
VDDQ
/S0
/S1
DM5/DQS14
VSS
DQ46
DQ47
NC
VDDQ
DQ52
DQ53
NC
VDD
DM6/DQS15
DQ54
DQ55
VDDQ
NC
DQ60
DQ61
VSS
DM7/DQS16
DQ62
DQ63
VDDQ
SA0
SA1
SA2
VDDSPD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
DQ32
VDDQ
DQ33
DQS4
DQ34
VSS
BA0
DQ35
DQ40
VDDQ
/WE
DQ41
/CAS
VSS
DQS5
DQ42
DQ43
VDD
NC
DQ48
DQ49
VSS
NC
NC
VDDQ
DQS6
DQ50
DQ51
VSS
VDDID
DQ56
DQ57
VDD
DQS7
DQ58
DQ59
VSS
WP
SDA
SCL
VREF
DQ0
VSS
DQ1
DQS0
DQ2
VDD
DQ3
NC
/RESET
VSS
DQ8
DQ9
DQS1
VDDQ
NC
NC
VSS
DQ10
DQ11
CKE0
VDDQ
DQ16
DQ17
DQS2
VSS
A9
DQ18
A7
VDDQ
DQ19
A5
DQ24
VSS
DQ25
DQS3
A4
VDD
DQ26
DQ27
A2
VSS
A1
CB0
CB1
VDD
DQS8
A0
CB2
VSS
CB3
BA1
VSS
DQ4
DQ5
VDDQ
DM0/DQS9
DQ6
DQ7
VSS
NC
NC
NC
VDDQ
DQ12
DQ13
DM1/DQS10
VDD
DQ14
DQ15
CKE1
VDDQ
NC
DQ20
NC
VSS
DQ21
A11
DM2/DQS11
VDD
DQ22
A8
DQ23
VSS
A6
DQ28
DQ29
VDDQ
DM3/DQS12
A3
DQ30
VSS
DQ31
CB4
CB5
VDDQ
CK0
/CK0
VSS
DM8/DQS17
A10
CB6
VDDQ
CB7
A0 - A11
: Address Inputs
[Row: A0 - A11, Column: A0 - A9]
BA0, BA1
: SDRAM Bank Select
DQ0 - DQ63, CB0 - CB7 : Data Inputs/Outputs
CK0
: Clock Input
(positive line of differential pair)
/CK0
: Clock Input
(negative line of differential pair)
CKE0, CKE1
: Clock Enable Input
WP
: Write Protect
/S0, /S1
: Chip Select Input
/RAS
: Row Address Strobe
/CAS
: Column Address Strobe
/WE
: Write Enable
DQS0 - DQS8
: Low Data Strobe
DM(0 - 8) / DQS(9 - 17) : Low Data Masks /
High Data Strobe
SA0 - SA2
: Address Input for EEPROM
SDA
: Serial Data I/O for PD
SCL
: Clock Input for PD
VDD
: Power Supply
VSS
: Ground
VDDID
: VDD Identification Flag
VDDQ
: Power Supply for DQ and DQS
VREF
: Input Reference
VDDSPD
: Power supply for EEPROM
NC
: No Connection
/RESET
: Reset Input
/xxx indicates active low signal.


Số phần tương tự - MC-45D32DC721KF-C80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Elpida Memory
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721KF-C75 ELPIDA-MC-45D32DA721KF-C75 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721KF-C80 ELPIDA-MC-45D32DA721KF-C80 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721KFA-C75 ELPIDA-MC-45D32DA721KFA-C75 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721KFA-C80 ELPIDA-MC-45D32DA721KFA-C80 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

Mô tả tương tự - MC-45D32DC721KF-C80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Elpida Memory
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727XFA ELPIDA-MC-4532DA727XFA Datasheet
162Kb / 14P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D16DA721 ELPIDA-MC-45D16DA721 Datasheet
180Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com