công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73832-5DCI/OT bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện MCP73832-5DCI/OT
Giải thích chi tiết về linh kiện  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73832-5DCI/OT bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button MCP73832-5DCI/OT Datasheet HTML 5Page - Microchip Technology MCP73832-5DCI/OT Datasheet HTML 6Page - Microchip Technology MCP73832-5DCI/OT Datasheet HTML 7Page - Microchip Technology MCP73832-5DCI/OT Datasheet HTML 8Page - Microchip Technology MCP73832-5DCI/OT Datasheet HTML 9Page - Microchip Technology MCP73832-5DCI/OT Datasheet HTML 10Page - Microchip Technology MCP73832-5DCI/OT Datasheet HTML 11Page - Microchip Technology MCP73832-5DCI/OT Datasheet HTML 12Page - Microchip Technology MCP73832-5DCI/OT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21984E-page 9
MCP73831/2
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, V
DD = [VREG(typical) + 1V], IOUT = 10 mA and TA= +25°C, Constant-Voltage mode.
FIGURE 2-13:
Line Transient Response.
FIGURE 2-14:
Line Transient Response.
FIGURE 2-15:
Load Transient Response.
FIGURE 2-16:
Load Transient Response.
FIGURE 2-17:
Complete Charge Cycle
(180 mAh Li-Ion Battery).
FIGURE 2-18:
Complete Charge Cycle
(1000 mAh Li-Ion Battery).
-2
0
2
4
6
8
10
12
14
Time (µs)
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
IOUT = 10 mA
COUT = 4.7 µF, X7R Ceramic
-2
0
2
4
6
8
10
12
14
Time (µs)
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
IOUT = 100 mA
COUT = 4.7 µF, X7R Ceramic
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
Time (µs)
-0.12
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
COUT = 4.7 µF, X7R Ceramic
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
Time (µs)
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
COUT = 4.7 µF, X7R Ceramic
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (minutes)
0
20
40
60
80
100
120
MCP73831-2AC/IOT
VDD = 5.2V
RPROG = 10 kΩ
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (minutes)
0
100
200
300
400
500
600
MCP73831-2AC/IOT
VDD = 5.2V
RPROG = 2 kΩ


Số phần tương tự - MCP73832-5DCI/OT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73832-5DCI/OT MICROCHIP-MCP73832-5DCI/OT Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73832-5DCI/OT MICROCHIP-MCP73832-5DCI/OT Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
More results

Mô tả tương tự - MCP73832-5DCI/OT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com