công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73864T-I/SL bảng dữ liệu(PDF) 2 Page - Microchip Technology

tên linh kiện MCP73864T-I/SL
Giải thích chi tiết về linh kiện  Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73864T-I/SL bảng dữ liệu(HTML) 2 Page - Microchip Technology

  MCP73864T-I/SL Datasheet HTML 1Page - Microchip Technology MCP73864T-I/SL Datasheet HTML 2Page - Microchip Technology MCP73864T-I/SL Datasheet HTML 3Page - Microchip Technology MCP73864T-I/SL Datasheet HTML 4Page - Microchip Technology MCP73864T-I/SL Datasheet HTML 5Page - Microchip Technology MCP73864T-I/SL Datasheet HTML 6Page - Microchip Technology MCP73864T-I/SL Datasheet HTML 7Page - Microchip Technology MCP73864T-I/SL Datasheet HTML 8Page - Microchip Technology MCP73864T-I/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP73861/2/3/4
DS21893D-page 2
© 2008 Microchip Technology Inc.
Typical Application
Functional Block Diagram
EN
STAT1
STAT2
VSET
VDD
VSS
TIMER
PROG
THERM
THREF
VBAT3
VBAT
+
Single
Lithium-Ion
Cell
2, 3
1
MCP73861/3
5
6
7
8
4, 9, 13
10, 11
12
14
16
15
5V
6.19 kΩ
4.7µF
1.2A Lithium-Ion Battery Charger
4.7 µF
7.32 kΩ
0.1
µF
Note: Pin numbers shown are for QFN
package.
Please
refer
to
Section 6.0
“Applications” for details.
+
Charge
Termination
Comparator
Voltage Control
Amplifier
+
UVLO
COMPARATOR
VUVLO
+
Temperature
Comparators
+
Bias and
Reference
Generator
VUVLO
VREF (1.2V)
Power-On
Delay
VREF
VREF
Oscillator
IREG/12
Constant-Voltage/
Recharge Comp.
Precondition
Control
Charge_OK
Precon
VDD
Charge Current
Control Amplifier
+
VREF
VREF
Precondition
Comp.
Charge Control,
Charge Timers
And Status Logic
Drv Stat 2
Drv Stat 1
Charge_OK
IREG/12
VDD1
THERM
EN
TIMER
STAT1
STAT2
VBAT3
VSS1
PROG
VSET
THREF
VBAT1
90
110 k
10 kΩ
10 kΩ
100 kΩ
50 kΩ
50 kΩ
G = 0.001
11 kΩ
1kΩ
600 kΩ
(1.65 MΩ)
148.42 kΩ
1.58 kΩ
VDD2
VBAT2
300.04 kΩ
1
0.3 kΩ
(8.58 kΩ)
4kΩ
Direction
Control
kΩ
VSS2
VSS3
Values in ( )
reflect the
MCP73862/4
devices


Số phần tương tự - MCP73864T-I/SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73864T-I/SL MICROCHIP-MCP73864T-I/SL Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
More results

Mô tả tương tự - MCP73864T-I/SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com